Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3706IM25 Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM3706IM25
Description  1.5MHz, 600mA Synchronous Step-Down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM3706IM25 Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM3706IM25 Datasheet HTML 3Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 4Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 5Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 6Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 7Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 8Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 9Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 10Page - Champion Microelectronic Corp. CM3706IM25 Datasheet HTML 11Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CM3706
1.5MHz, 600mA Synchronous
Step-Down Regulator
2006/12/20Rev. 1.6
Champion Microelectronic Corporation
Page 7
Output Voltage vs Temperature
TEMPERATURE(℃)
90
1.17
1.18
1.19
1.2
1.21
1.22
1.23
-40-30 -20 -10 010 20 3040 50 60 7080
Vin=5V
Vout=1.2V
ILoad=600mA
Pulse Skipping Mode Operation
SW
1V/DIV
ILoad
20mA/DIV
Vin=3.6V
Vout=1.8V
Iload=10.29mA
1 u s
Discontinuous Operation
SW
1V/DIV
ILoad
20mA/DIV
Vin=3.6V
Vout=1.8V
Iloa d=22.24mA
0.2 u s
Start-Up from shutdown
Vo ut
0.5V/DIV
ILoa d
20 0mA/DIV
Vin=3.6 V
Vou t=1 .2 V
Iloa d=600mA
0.5ms
Load step
Vout
20mV/DIV
ILoad
0.2A/DIV
Vin=5V
Vout=2.5V
ILOAD=0mA TO 600mA
200us
Load step
Vout
20mV/DIV
ILoad
0.2A/DIV
Vin=5V
Vout=2.5V
ILOAD=50mA TO 600mA
200us
Load step
Vout
20mV/DIV
ILoad
0.2A/DIV
Vin=5V
Vout=2.5V
ILOAD=100mA TO 600mA
500us


Similar Part No. - CM3706IM25

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706AGIM25 CHAMP-CM3706AGIM25 Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM3706IM25

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com