Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58627L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY58627L
Description  DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58627L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY58627L Datasheet HTML 6Page - Micrel Semiconductor SY58627L Datasheet HTML 7Page - Micrel Semiconductor SY58627L Datasheet HTML 8Page - Micrel Semiconductor SY58627L Datasheet HTML 9Page - Micrel Semiconductor SY58627L Datasheet HTML 10Page - Micrel Semiconductor SY58627L Datasheet HTML 11Page - Micrel Semiconductor SY58627L Datasheet HTML 12Page - Micrel Semiconductor SY58627L Datasheet HTML 13Page - Micrel Semiconductor SY58627L Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel, Inc.
SY58627L
Janaury 2006
10
M9999-012606-A
hbwhelp@micrel.com or (408) 955-1690
Detailed Description
The SY58627L is a high speed, low jitter receive buffer
with integrated loopback capability. This buffer also
provides input signal detect and output disable. Four
selectable levels of equalization are included with the
receiver. Equalization allows for faster data rates and
longer distances by reducing the effects of intersymbol
interference (ISI) caused by long cable and trace
lengths. Input equalization supports data rates up to
6.4Gbps.
DC-Offset Capability
The SY58627L transmitter includes the VTTIN and
VTTOUT pin for maximum interface flexibility and DC-
offset capability for the input and output, respectively.
This feature allows for interfacing with different logic
families without the use of AC-coupling. The output
buffer has internal 50Ω source terminated CML
outputs for minimizing round-trip reflections.
Transmitter Disable and Shutdown
The SY58627L disable function is initiated by pulling
/RXEN to logic HIGH. In disable mode, RXQ goes to a
LOW state and /RXQ goes to a HIGH state. The
threshold for /RXEN is set with the VTH pin. When the
VTH pin is floating, the VTH levels are TTL/CMOS-
compatible with a threshold voltage at VCC/2 (VEE =
0V). For PECL compatible levels, apply a VCC-1.3V
voltage at the VTH pin.
Please refer to, “Typical
Operating Characteristics” for more details.
Loopback
The SY58627L features a loopback test mode,
activated by setting LBSEL to logic HIGH. Using the
SY58627L with the SY58626L enables local loopback
and link side loopback, shown in Figures 2b and 2c.
This mode enables an external loopback path,
bypassing circuitry on both local and link side. Please
refer to Table 1 and Figure 3 for Loopback Control
information.
Figure 2a. Normal Operation
Figure 2b. Local Loopback Mode


Similar Part No. - SY58627L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58627L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626L MICREL-SY58626L_10 Datasheet
809Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Linear Technology
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
   Wideband IQ Demodulator with IIP2 and DC Offset Control
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com