Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U643B-MFPY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U643B-MFPY
Description  Flasher, 30-mohm Shunt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U643B-MFPY Datasheet(HTML) 5 Page - ATMEL Corporation

  U643B-MFPY Datasheet HTML 1Page - ATMEL Corporation U643B-MFPY Datasheet HTML 2Page - ATMEL Corporation U643B-MFPY Datasheet HTML 3Page - ATMEL Corporation U643B-MFPY Datasheet HTML 4Page - ATMEL Corporation U643B-MFPY Datasheet HTML 5Page - ATMEL Corporation U643B-MFPY Datasheet HTML 6Page - ATMEL Corporation U643B-MFPY Datasheet HTML 7Page - ATMEL Corporation U643B-MFPY Datasheet HTML 8Page - ATMEL Corporation U643B-MFPY Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
4727B–AUTO–09/05
U643B
4.6
Pin 7, Lamp Outage Detection
The lamp current is monitored via an external shunt resistor R
3 and an internal comparator K1
with its reference voltage of typically 81 mV (V
S = 12V). The outage of one lamp is detected
according to the following calculation:
Nominal current of 1 lamp: 21W / (V
S = 12V): Ilamp = 1.75A
Nominal current of 2 lamps: 2
× 21W / (V
S = 12V): Ilamp = 3.5A.
The detection threshold should be set in the middle of the current range:
I
outage
2.7A
Thus, the shunt resistor is calculated as:
R
3 = VT (K1) / Ioutage
R
3 = 81 mV/2.7A = 30 mΩ
Comparator K1's reference voltage is matched to the characteristics of filament lamps (see Con-
trol Signal Threshold in “Electrical Characteristics” on page 6).
The combination of shunt resistor and resistance of wire harness prevents pin 7 from a too high
voltage in the case of shorted lamps.
4.7
Pin 8, Start Input
Start condition for flashing: the voltage at pin 8 has to be below K3 threshold (flasher switch
closed).
Humidity and dirt may decrease the resistance between 49a and GND. If this leakage resistance
is > 5 k
Ω, the IC still remains in the OFF condition. In this case the voltage at pin 8 is between
the thresholds of comparators K2 and K3.
During the bright phase the voltage at pin 8 is above the K2 threshold, during the dark phase it is
below the K3 threshold. For proper start conditions a minimum lamp wattage of 1W is required.


Similar Part No. - U643B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U643B-FP ATMEL-U643B-FP Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
More results

Similar Description - U643B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U2043B ATMEL-U2043B Datasheet
201Kb / 10P
   Flasher, 30 mOHM Shunt, Pilot Lamp to GND or VBatt
logo
TEMIC Semiconductors
U2043B TEMIC-U2043B Datasheet
132Kb / 6P
   Flasher, 30-mohm Shunt, Pilot Lamp to GND or V Batt
logo
ATMEL Corporation
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
   FLASHER IC WITH 18m廓 SHUNT
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
169Kb / 8P
   FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com