Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58604UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58604UMGTR
Description  3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58604UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58604UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58604UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
SY58604U
September 2006
5
M9999-092606-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = +2.5V ±5% or +3.3V ±10%, RL = 50Ω to VCC-2V, Input tr/tf: <300ps; TA = –40°C to +85°C, unless otherwise
stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
NRZ Data
3.2
4.25
Gbps
fMAX
Maximum Frequency
VOUT > 400mV
Clock
2.5
3
GHz
VIN: 100mV-200mV
180
320
450
ps
tPD
Propagation Delay
IN-to-Q
VIN: 200mV-800mV
150
230
350
ps
tSkew
Part-to-Part Skew
Note 7
135
ps
Data
Random Jitter
Note 8
1
psRMS
Deterministic Jitter
Note 9
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 10
1
psRMS
tJitter
Total Jitter
Note 11
10
psPP
tr, tf
Output Rise/Fall Times
(20% to 80%)
At full output swing.
40
75
110
ps
Duty Cycle
Differential I/O
47
53
%
Notes:
7.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
8.
Random jitter is measured with a K28.7 pattern, measured at ≤ fMAX.
9.
Deterministic jitter is measured at 2.5Gbps with both K28.5 and 2
23–1 PRBS pattern.
10. Cycle-to-cycle jitter definition: the variation period between adjacent cycles over a random sample of adjacent cycle pairs. tJITTER_CC = Tn –Tn+1,
where T is the time between rising edges of the output signal.
11. Total jitter definition: with an ideal clock input frequency of ≤ fMAX (device), no more than one output edge in 10
12 output edges will deviate by
more than the specified peak-to-peak jitter value.


Similar Part No. - SY58604UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58604UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com