Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAM510X-ILSY Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATAM510X-ILSY
Description  MARC4 4-bit MTP Universal Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510X-ILSY Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATAM510X-ILSY Datasheet HTML 4Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 5Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 6Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 7Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 8Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 9Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 10Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 11Page - ATMEL Corporation ATAM510X-ILSY Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
4711B–4BMCU–01/05
ATAM510
2.3.2
RAM Address Registers
The RAM is addressed with the four 8-bit wide RAM address registers: SP, RP, X and Y. These
registers allow access to any of the 256 RAM nibbles.
2.3.3
Expression Stack Pointer (SP)
The stack pointer contains the address of the next-to-top 4-bit item (TOS-1) of the expression
stack. The pointer is automatically pre-incremented if a nibble is moved onto the stack or post-
decremented if a nibble is removed from the stack. Every post-decrement operation moves the
item (TOS-1) to the TOS register before the SP is decremented. After a reset the stack pointer
has to be initialized with >SP S0 to allocate the start address of the expression stack area.
2.3.4
Return Stack Pointer (RP)
The return stack pointer points to the top element of the 12-bit wide return stack. The pointer
automatically pre-increments if an element is moved onto the stack, or it post-decrements if an
element is removed from the stack. The return stack pointer increments and decrements in
steps of 4. This means that every time a 12-bit element is stacked, a 4-bit RAM location is left
unwritten. This location is used by the qFORTH compiler to allocate 4-bit variables. After a reset
the return stack pointer has to be initialized via >RP FCh.
2.3.5
RAM Address Registers (X and Y)
The X and Y registers are used to address any 4-bit item in the RAM. A fetch operation moves
the addressed nibble onto the TOS. A store operation moves the TOS to the addressed RAM
location. By using either the pre-increment or post-decrement addressing mode arrays in the
RAM can be compared, filled or moved.
2.3.6
Top of Stack (TOS)
The top of stack register is the accumulator of the MARC4. All arithmetic/logic, memory refer-
ence and I/O operations use this register. The TOS register receives data from the ALU, ROM,
RAM or I/O bus.
2.3.7
Condition Code Register (CCR)
The 4-bit wide condition code register contains the branch, the carry and the interrupt enable
flag. These bits indicate the current state of the CPU. The CCR flags are set or reset by ALU
operations. The instructions SET_BCF, TOG_BF, CCR! and DI allow direct manipulation of the
condition code register.
2.3.8
Carry/Borrow (C)
The carry/borrow flag indicates that the borrow or carry out of the Arithmetic Logic Unit (ALU)
occurred during the last arithmetic operation. During shift and rotate operations, this bit is used
as a fifth bit. Boolean operations have no affect on the C-flag.
2.3.9
Branch (B)
The branch flag controls the conditional program branching. Should the branch flag have been
set by a previous instruction, a conditional branch will cause a jump. This flag is affected by
arithmetic, logic, shift, and rotate operations.


Similar Part No. - ATAM510X-ILSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862 ATMEL-ATAM862 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-4 ATMEL-ATAM862-4 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATAM510X-ILSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
ATAM893S ATMEL-ATAM893S Datasheet
44Kb / 3P
   MARC4 4-bit Microcontrollers
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
logo
ATMEL Corporation
ATAR510 ATMEL-ATAR510 Datasheet
1,022Kb / 74P
   MARC 4 4-BIT UNIVERSAL MICROCONTROLLER
logo
Winbond
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com