Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58040UMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58040UMGTR
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58040UMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY58040UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY58040UMGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
320
340
360
380
400
420
440
0
2000
4000
6000
FREQUENCY (MHz)
Output Amplitude
vs. Frequency
235
240
245
250
255
260
265
270
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
F = 200MHz
0
2
4
6
8
10
12
14
16
18
20
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Within-Device Skew
vs. Temperature
(Referenced to Q0)
Q0
Q1
Q2
Q3


Similar Part No. - SY58040UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040UMI MICREL-SY58040UMI Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMI MICREL-SY58040UMI Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMITR MICREL-SY58040UMITR Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMITR MICREL-SY58040UMITR Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMY MICREL-SY58040UMY Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58040UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U_09 Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com