Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6808B-MFPG3Y Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U6808B-MFPG3Y
Description  Specia Fail-safe IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6808B-MFPG3Y Datasheet(HTML) 5 Page - ATMEL Corporation

  U6808B-MFPG3Y Datasheet HTML 1Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 2Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 3Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 4Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 5Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 6Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 7Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 8Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
4707B–AUTO–10/05
U6808B
5.5
RESET Input
During power-on and under/overvoltage detection a reset signal is fed to this pin. It resets the
watchdog timer and sets the initial state.
5.6
WD-OK Output
After the up/down counter is incremented to status 3 (see Figure 5-2) the RS flip-flop is set and
the WD-OK output becomes logic 1. This information is available for the microcontroller at the
open-collector output ENABLE. If on the other hand the up/down counter is decremented to 0
the RS flip-flop is reset, the WD-OK output and the ENABLE output are disabled. The WD-OK
output also controls a dual MUX stage which shifts the time window by one clock after a suc-
cessful trigger, thus forming a hysteresis to provide stable conditions for the evaluation of the
trigger signal good or false. The WD-OK signal is also reset in case the watchdog counter is not
reset after 250 clocks (missing trigger signal).
5.7
Watchdog State Diagram
Figure 5-2.
Watchdog State Diagram
5.8
Explanation
In each block, the first character represents the state of the counter. The second notation indi-
cates the fault status of the counter. A fault status is indicated by an F and a no fault status is
indicated by an NF. When the watchdog is powered up initially, the counter starts out at the 0/F
block (initial state). Good indicates that a pulse has been received whose width resides within
the timing window. Bad indicates that a pulse has been received whose width is either too short
or too long.
1/NF
2/NF
O/F
1/F
2/F
3/NF
bad
good
bad
good
bad
good
good
bad
good
good
bad
bad
Initial status


Similar Part No. - U6808B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
   Special Fail-safe IC
More results

Similar Description - U6808B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
   Special Fail-safe IC
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
ATMEL Corporation
U6813B ATMEL-U6813B Datasheet
291Kb / 15P
   Fail-safe IC with High-side and Relay Driver
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6813B ATMEL-U6813B_05 Datasheet
333Kb / 16P
   Fail-safe IC with High-side and Relay Driver
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
   ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com