Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SY58040U_07 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY58040U_07
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 4 page
background image
4
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC ) ...................... –0.5V to +4.0V
Input Voltage (VIN) ......................................... –0.5V to VCC
CML Output Voltage (VOUT) ......... VCC –0.5V to VCC +5.0V
Termination Current(3)
Source or sink current on VT pin ........................ ±100mA
Input Current(3)
Source or sink current on IN, /IN .......................... ±50mA
VREF-AC Current
(3)
Source or sink current on IN, /IN ............................ ±2mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature Range (TS ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ................. +2.375V to +3.60V
Ambient Temperature Range (TA) ............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® JA)
Still-Air ............................................................. 23°C/W
MLF® JB)
Junction-to-board ............................................ 12°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V.
2.375
2.5
2.625
V
VCC = 3.3V.
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC.
225
300
mA
Includes current from internal 50Ω pull-up
on each output.
RIN
Input Resistance (IN-to-VT, /IN-to-VT)40
50
60
RDIFF_IN
Differential Input Resistance
80
100
120
(IN-to-/IN)
VIH
Input HIGH Voltage
VCC–1.2
VCC
V
(IN-to-/IN)
VIL
Input LOW Voltage
0
VIH–0.1
V
(IN-to-/IN)
VIN
Input Voltage Swing
See Figure 1a.
0.1
1.7
V
(IN-to-/IN)
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.2
V
|IN – /IN|
VT_IN
IN to VT (IN-to-/IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
Notes:
1. Permanent device damage may occur if ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB. θJA uses 4-layer
in still-air number, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
DC ELECTRICAL CHARACTERISTICS(5)
TA= –40°C to +85°C, unless otherwise stated.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY58025U_07ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58037UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58038U_07ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58017U_07ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58011U7GHz 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58020U_076GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl