Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV85-C5V1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZV85-C5V1
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85-C5V1 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZV85-C5V1 Datasheet HTML 1Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 2Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 3Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 4Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 5Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 6Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 7Page - NXP Semiconductors BZV85-C5V1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 11
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV85 series
FEATURES
• Total power dissipation:
max. 1.3 W
• Tolerance series: approx. ±5%
• Working voltage range:
nom. 3.6 to 75 V (E24 range)
• Non-repetitive peak reverse power
dissipation: max. 60 W.
APPLICATIONS
• Stabilization purposes.
DESCRIPTION
Medium-power voltage regulator diodes in hermetically sealed leaded glass
SOD66 (DO-41) packages. The diodes are available in the normalized E24
approx.
±5% tolerance range. The series consists of 33 types with nominal
working voltages from 3.6 to 75 V (BZV85-C3V6 to BZV85-C75).
Fig.1 Simplified outline (SOD66; DO-41) and symbol.
The diodes are type branded.
handbook, halfpage
MAM241
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Device mounted on a printed circuit-board with 1 cm2 copper area per lead.
2. If the leads are kept at Ttp =55 °C at 4 mm from body.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
500
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge; see Fig.3
see Table
“Per type”
tp = 10 ms; half sinewave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =25 °C; lead length 10 mm;
note 1
1W
note 2
1.3
W
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge
60
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
200
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 50 mA; see Fig.4
1
V


Similar Part No. - BZV85-C5V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C5V1 NXP-BZV85-C5V1 Datasheet
276Kb / 10P
   Voltage regulator diodes
Rev. 03-10 November 2009
logo
Nexperia B.V. All right...
BZV85-C5V1 NEXPERIA-BZV85-C5V1 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C5V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com