Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR090-D Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATAR090-D
Description  Low-current Microcontroller for Wireless Communication
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090-D Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATAR090-D Datasheet HTML 4Page - ATMEL Corporation ATAR090-D Datasheet HTML 5Page - ATMEL Corporation ATAR090-D Datasheet HTML 6Page - ATMEL Corporation ATAR090-D Datasheet HTML 7Page - ATMEL Corporation ATAR090-D Datasheet HTML 8Page - ATMEL Corporation ATAR090-D Datasheet HTML 9Page - ATMEL Corporation ATAR090-D Datasheet HTML 10Page - ATMEL Corporation ATAR090-D Datasheet HTML 11Page - ATMEL Corporation ATAR090-D Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
ATAR090-D
4701C–4BMCU–12/04
Interrupt Processing
In order to be able to process the eight interrupt levels, the MARC4 contains an interrupt
controller with two 8-bit wide interrupt pending and interrupt active registers. The inter-
rupt controller samples all interrupt requests during every non-I/O instruction cycle and
latches these in the interrupt pending register. If no higher priority interrupt is present in
the interrupt active register, it signals the CPU to interrupt the current program execu-
tion. If the interrupt enable bit is set, the processor enters an interrupt acknowledge
cycle. During this cycle a short call (SCALL) instruction to the service routine is exe-
cuted and the current PC is saved on the return stack.
An interrupt service routine is completed with the RTI instruction. This instruction resets
the corresponding bits in the interrupt pending/active register and fetches the return
address from the return stack to the program counter. When the interrupt enable flag is
reset (triggering of interrupt routines are disabled), the execution of new interrupt ser-
vice routines is inhibited but not the logging of the interrupt requests in the interrupt
pending register. The execution of the interrupt is delayed until the interrupt enable flag
is set again. Note that interrupts are only lost if an interrupt request occurs while the cor-
responding bit in the pending register is still set (i.e., the interrupt service routine is not
yet finished).
Interrupt Latency
The interrupt latency is the time from the occurrence of the interrupt to the interrupt ser-
vice routine being activated. In MARC4 this is extremely short (taking between 3 to
5 machine cycles depending on the state of the core).
Figure 8. Interrupt Handling
7
6
5
4
3
2
1
0
INT5 active
INT7 active
INT2 pending
SWI0
INT2 active
INT0 pending
INT0 active
INT2
RTI
RTI
INT5
INT3 active
INT3
RTI
RTI
RTI
INT7
Time
Main/
Autosleep
Main/
Autosleep


Similar Part No. - ATAR090-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
More results

Similar Description - ATAR090-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com