Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6046B-MFPG3Y Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U6046B-MFPG3Y
Description  REAR WINDOW HEATING TIMER / LONG-TERM TIMER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6046B-MFPG3Y Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U6046B-MFPG3Y Datasheet HTML 4Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 5Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 6Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 7Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 8Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 9Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 10Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 11Page - ATMEL Corporation U6046B-MFPG3Y Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
4674B–AUTO–09/05
U6046B
3.7
Timing Waveform
Figure 3-5.
Behavior of the Relay Control Output as a Function of Input Condition
Figure 3-6.
Input Circuit U6046B
Diagram 5A
Diagram 5B
Diagram 5C
Toggle
Relay
ON
OFF
Relay
ON
OFF
Relay
Pin 5
Pin 2
Pin 3
Pin 4
Pin 3
Pin 4
Pin 2
Pin 2
t
3
t
3
t
3
t
3
t
3
t
3
t
d
t
3
t
3
t
3
t
3
t
3
t
3
t
3
t
3
t
d
t
d
t
3
7 V
15 pF
20 k
-
+
2 V
Pin 3, 4, 5
20 k
V
Batt
S
R


Similar Part No. - U6046B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6046B-FP TEMIC-U6046B-FP Datasheet
160Kb / 11P
   Rear Window Heating Timer
logo
ATMEL Corporation
U6046B-FP ATMEL-U6046B-FP Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
More results

Similar Description - U6046B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Unisonic Technologies
UU6046B UTC-UU6046B Datasheet
210Kb / 6P
   REAR WINDOW HEATING TIMER
logo
TEMIC Semiconductors
U6046B TEMIC-U6046B Datasheet
160Kb / 11P
   Rear Window Heating Timer
logo
Unisonic Technologies
UU6047B UTC-UU6047B Datasheet
225Kb / 6P
   REAR WINDOW HEATING TIMER
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
   Digital Window Watchdog Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com