Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58029U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58029U
Description  ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58029U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58029U_07 Datasheet HTML 2Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 3Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 4Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 5Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 6Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 7Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 8Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 9Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Precision Edge®
SY58029U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAMS
IN
/IN
Q
/Q
tpd
tpd
VIN
VOUT
Figure 2a. IN-to-Q Timing Diagram
SEL
Q
/Q
tpd
tpd
VOUT
VCC/2
VCC/2
Figure 2b. SEL-to-Q Timing Diagram
SEL0 Q:
SEL1 = LOW;
IN0, /IN1 = LOW;
/IN0, IN1 = HIGH
or:
SEL1 = HIGH;
IN2, /IN3 = LOW;
/IN2, IN3 = HIGH
SEL1 Q:
SEL0 = LOW;
IN0, /IN2 = LOW;
/IN0, IN2 = HIGH
or:
SEL0 = HIGH;
IN1, /IN3 = LOW;
/IN1, IN3 = HIGH


Similar Part No. - SY58029U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58029U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com