Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA1R212NRFC Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # S48SA1R212NRFC
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA1R212NRFC Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button S48SA1R212NRFC Datasheet HTML 4Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 5Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 6Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 7Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 8Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 9Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 10Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 11Page - Delta Electronics, Inc. S48SA1R212NRFC Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS_S48SA1R212_05122006
percentage output voltage change △Vo% is defined as:
[]
ΚΩ
=
62
%
Vo
up
+
1089
%)
100
(
9
.
15
Vo
x. When trim-up +10% (1.2V X 1.1 = 1.32V)
Rtrim
E
[]
ΚΩ
=
=
4
62
10
up
+
1089
)
10
100
(
9
.
15
Care should be taken to ensure that the maximum
EATURES DESCRIPTIONS (CON.)
e set point, the
Rtrim
output power of the module remains at or below the
maximum rated power.
F
utput Voltage Adjustment (TRIM)
O
o increase or decrease the output voltag
T
modules may be connected with an external resistor
between the TRIM pin and either the Vo+ or Vo -. The
TRIM pin should be left open if this feature is not used.
Figure 15:
Circuit configuration for trim-down (decrease output
ternal resistor is connected between the TRIM
voltage)
the ex
If
and Vo- pins, the output voltage set point decreases.
The external resistor value required to obtain a
percentage of output voltage change △Vo% is defined
as:
[]
ΚΩ
=
62
%
Vo
down
1089
x. When trim-down –10% (1.2V X 0.9 = 1.08V)
Rtrim
E
[]
ΚΩ
=
=
9
.
46
62
10
1089
down
Rtrim
Figure 16:
Circuit configuration for trim-up (increase output
the external resistor is connected between the TRIM
voltage)
If
and Vo+ pins, the output voltage set point increases.
The external resistor value required to obtain a
8


Similar Part No. - S48SA1R212NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA1R212NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com