Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR092X-YYY-TKSYZ Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAR092X-YYY-TKSYZ
Description  Low-current Microcontroller for Wireless Communication
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092X-YYY-TKSYZ Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAR092X-YYY-TKSYZ Datasheet HTML 1Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 2Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 3Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 4Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 5Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 6Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 7Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 8Page - ATMEL Corporation ATAR092X-YYY-TKSYZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Features
Extended Temperature Range for High Temperature up to 125°C
4-Kbyte ROM, 256
× 4-bit RAM
16 Bi-directional I/Os
Up to 7 External/Internal Interrupt Sources
Multifunction Timer/Counter with
– IR Remote Control Carrier Generator
– Bi-phase, Manchester and Pulse-width Modulator and Demodulator
– Phase Control Function
Programmable System Clock with Prescaler and Five Different Clock
Sources
Wide Supply-voltage Range (1.8 V to 6.5 V)
Very Low Sleep Current (< 1 µA)
Synchronous Serial Interface (2-wire, 3-wire)
Watchdog, POR and Brown-out Function
Voltage Monitoring Inclusive Lo_BAT Detect
Flash Controller ATAM893 Available (SSO20)
Description
The ATAR092-D is a member of Atmel’s family of 4-bit single-chip microcontrollers. It
offers the highest integration for IR and RF data communication, remote-control and
phase-control applications. The ATAR092-D is suitable as a transmitter as well as a
receiver. They contain ROM, RAM, parallel I/O ports, two 8-bit programmable multi-
function timer/counters with modulator and demodulator function, voltage supervisor,
interval timer with watchdog function and a sophisticated on-chip clock generation
w i th ex ter nal clo c k inpu t, in teg r ated RC- , 32-kH z cr y s t a l- and 4- MH z
crystal-oscillators.
Figure 1. Block Diagram
V
DD
T2I
SD
Voltage monitor
External input
MARC4
UTCM
OSC1
OSC2
I/O bus
ROM
RAM
4-bit CPU core
256 x 4 bit
V
SS
Data direction +
alternate function
Data direction +
interrupt control
Port 4
Port 5
Data direction +
alternate function
Port 6
Timer 3
Brown-out protect.
RESET
Clock management
Timer 1
watchdog timer
Timer 2
Serial interface
Port 1
T2O
SD
SC
T3O
T3I
BP10
BP13
BP20/NTE
BP21
BP22
BP23
BP40
INT3
SC
BP41
VMI
BP42
T2O
BP43
INT3
BP50
INT6
BP51
INT6
BP52
INT1
BP53
INT1
BP60
T3O
BP63
T3I
RC
oscillators
Crystal
oscillators
4 K x 8 bit
VMI
with modulator
SSI
External
clock input
interval- and
8/12-bit timer
8-bit
timer/counter
with modulator
and demodulator
T2I
Low-current
Microcontroller
for Wireless
Communication
ATAR092-D
Rev. 4594C–4BMCU–12/04


Similar Part No. - ATAR092X-YYY-TKSYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092X-YYY-TKSYZ ATMEL-ATAR092X-YYY-TKSYZ Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092X-YYY-TKSYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com