Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58025UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58025UMITR
Description  ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58025UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58025UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58025UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58025U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Two independent differential 2:1 multiplexers
s Guaranteed AC performance over temperature and
voltage:
• DC-to >10.7Gbps data rate throughput
• <290ps IN-to-Out tpd
• <70ps tr /tf times
s Unique, patent-pending input isolation design
minimizes crosstalk
s Ultra-low jitter design:
• <1psRMS random jitter
• <10psPP deterministic jitter
• <10psPP total jitter (clock)
• <0.7psRMS crosstalk-induced jitter
s Unique, patent-pending 50
input termination and
VT pin accepts DC-coupled and AC-coupled inputs
(CML, LVDS, PECL)
s Typical 400mV CML output swing (R
L = 50)
s Internal 50
input termination
s Power supply 2.5V
±5% or 3.3V ±10%
s –40
°C to +85°C temperature range
s Available in 32-pin (5mm
××××× 5mm) MLF® package
FEATURES
ULTRA PRECISION DUAL 2:1 CML
MUX WITH INTERNAL I/O TERMINATION
Precision Edge®
SY58025U
APPLICATIONS
s Data communication systems
s All SONET OC3-OC-768 applications
s All Fibre Channel applications
s All GigE applications
Rev.: C
Amendment: /0
Issue Date:
February 2007
The SY58025U features two ultra-fast, low jitter 2:1
differential muxes with a guaranteed maximum data or clock
throughput of 10.7Gbps or 7GHz, respectively.
The SY58025U differential inputs include a unique,
internal termination design that allows access to the
termination network through a VT pin. The device easily
interfaces to different logic standards, both AC- and DC-
coupled, without external resistor-bias and termination
networks. The result is a clean, stub-free, low jitter interface
solution. The differential CML output is optimized for 50
environments with internal 50
Ω source termination and a
400mV output swing.
The SY58025U operates from a 2.5V or 3.3V supply and
is guaranteed over the full industrial temperature range
(–40
°C to +85°C). The SY58025U is part of Micrel’s Precision
Edge® product family.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
AnyGate and Precision Edge are registered trademarks of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
QA
/QA
INA0
/INA0
VTA0
50
50
INA1
VREF-ACA0
/INA1
VTA1
50
50
VREF-ACA1
0
1
MUX A
SELA
(TTL/CMOS)
S
QB
/QB
INB0
/INB0
VTB0
50
50
INB1
VREF-ACB0
/INB1
VTB1
50
50
VREF-ACB1
0
1
MUX B
SELB
(TTL/CMOS)
S


Similar Part No. - SY58025UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025UMITR MICREL-SY58025UMITR Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58025UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com