Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR092X-YYY-TKQYZ Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATAR092X-YYY-TKQYZ
Description  Low-current Microcontroller for Wireless Communication
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092X-YYY-TKQYZ Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATAR092X-YYY-TKQYZ Datasheet HTML 7Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 8Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 9Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 10Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 11Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 12Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 13Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 14Page - ATMEL Corporation ATAR092X-YYY-TKQYZ Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
11
ATAR092-D
4594C–4BMCU–12/04
Figure 10. Brown-out Detection
Watchdog Reset
The watchdog’s function can be enabled at the WDC register and triggers a reset with
every watchdog counter overflow. To suppress the watchdog reset, the watchdog
counter must be regularly reset by reading the watchdog register address (CWD). The
CPU reacts in exactly the same manner as a reset stimulus from any of the above
sources.
External Clock Supervisor
The external input clock supervisor function can be enabled if the external input clock is
selected within the CM and SC registers of the clock module. The CPU reacts in exactly
the same manner as a reset stimulus from any of the above sources.
Voltage Monitor
The voltage monitor consists of a comparator with internal voltage reference. It is used
to supervise the supply voltage or an external voltage at the VMI pin. The comparator for
the supply voltage has three internal programmable thresholds one lower threshold
(2.2 V), one middle threshold (2.6 V). and one higher threshold (3.0 V). For external
voltages at the VMI pin, the comparator threshold is set to V
BG = 1.3 V. The VMS bit
indicates if the supervised voltage is below (VMS = 0) or above (VMS = 1) this thresh-
old. An interrupt can be generated when the VMS bit is set or reset to detect a rising or
falling slope. A voltage monitor interrupt (INT7) is enabled when the interrupt mask bit
(VIM) is reset in the VMC register.
V
DD
CPU
Reset
t
BOT = 1
2.0 V
1.7 V
CPU
Reset
BOT = 0
t
d
t
d = 1.5 ms (typically)
BOT = 1, low brown-out voltage threshold 1.7 V (is reset value).
BOT = 0, high brown-out voltage threshold 2.0 V.
t
d
t
d


Similar Part No. - ATAR092X-YYY-TKQYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092X-YYY-TKQYZ ATMEL-ATAR092X-YYY-TKQYZ Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092X-YYY-TKQYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com