Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58023UMITR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58023UMITR
Description  ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58023UMITR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58023UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY58023U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
Part Number
Function
Data Sheet Link
SY58023U
Ultra-low Jitter 2
×2 Crosspoint Switch
http://www.micrel.com/product-info/products/sy58023u.shtml
w/CML Outputs and Internal I/O Termination
SY58024U
Ultra-low Jitter Dual 2
×2 Crosspoint Switch
http://www.micrel.com/product-info/products/sy58024u.shtml
w/CML Outputs and Internal I/O Termination
16-MLF® Manufactering Guidelines
www.amkor.com/products/notes_papers/MLF_AppNote.pdf
Exposed Pad Application Note
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION
CML OUTPUT TERMINATION
50
50
/Q
Q
VCC
16mA
GND
100
Figure 5. CML DC-Coupled Termination
50
50
/Q
Q
VCC
16mA
GND
50
50
DC-bias
per application
Figure 6. CML AC-Coupled Termination
Figures 5 and Figure 6 illustrates how to terminate a
CML output using both the AC-coupled and DC-coupled
configuration. All outputs of the SY58023U are 50
Ω with a
16mA current source.


Similar Part No. - SY58023UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58023UMITR MICREL-SY58023UMITR Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58023UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
SY58024U MICREL-SY58024U Datasheet
132Kb / 11P
   CROSSPOINT SWITCH CML OUTPUTS AND INTERNAL I/O TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com