Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58021U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58021U
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021U Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY58021U_07 Datasheet HTML 1Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 2Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 3Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 4Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 5Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 6Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 7Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 8Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Precision Edge®
SY58021U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
INPUT STAGE
50
50
VCC
GND
/IN
VT
IN
Figure 2. Simplified Differential Input Buffer
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
SY58021U
VCC
VCC
VREF-AC
NC
Option: May connect VT to VCC
Figure 3d. DC-Coupled CML
Input Interface
LVPECL
IN
/IN
VT
SY58021U
VCC
Rpd
VCC
VREF-AC
NC
For VCC = 2.5V, Rpd = 19Ω
For VCC = 3.3V, Rpd = 50Ω
0.01
µF
VDD
Figure 3a. LVPECL
Input Interface
LVPECL
IN
/IN
VT
SY58021U
VCC
VCC
VCC
0.01
µF
Rpd
Rpd
VREF-AC
For 3.3V, Rpd = 100Ω
For 2.5V, Rpd = 50Ω
Figure 3b. AC-Coupled LVPECL
Input Interface
LVDS
IN
/IN
VT
NC
SY58021U
VCC
VCC
VREF-AC
NC
Figure 3c. LVDS
Input Interface
CML
IN
/IN
VT
0.01
µF
SY58021U
VCC
VCC
VCC
VREF-AC
Figure 3e. AC-Coupled CML
Input Interface


Similar Part No. - SY58021U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021UMG MICREL-SY58021UMG Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMG MICREL-SY58021UMG Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMG MICREL-SY58021UMG Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021UMGTR MICREL-SY58021UMGTR Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMGTR MICREL-SY58021UMGTR Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
More results

Similar Description - SY58021U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com