Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA3R303NRFC Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S48SA3R303NRFC
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R303NRFC Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S48SA3R303NRFC Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 9Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 10Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 11Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 12Page - Delta Electronics, Inc. S48SA3R303NRFC Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS_S48SA1R212_05122006
9
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module or a heat sink is
6.35mm (0.25”).
Thermal Derating
Heat can be removed by increasing airflow over the
module. Figure 19 shows maximum output is a function
of ambient temperature and airflow rate. To enhance
system reliability, the power module should always be
operated below the maximum operating temperature. If
the temperature exceeds the maximum module
temperature, reliability of the unit may be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
10 (0.4”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 17:
Wind tunnel test setup
THERMAL CURVES
S48SA1R212(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 48V (Either Orienation)
0
2
4
6
8
10
12
14
65
70
75
80
85
90
95
100
105
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 19:
Output current vs. ambient temperature and air velocity
@ Vin=48V
Figure 18:
Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 102


Similar Part No. - S48SA3R303NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA3R310 DELTA-S48SA3R310 Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA3R303NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com