Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG04-18 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZG04-18
Description  Transient voltage suppressor diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZG04-18 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZG04-18 Datasheet HTML 1Page - NXP Semiconductors BZG04-18 Datasheet HTML 2Page - NXP Semiconductors BZG04-18 Datasheet HTML 3Page - NXP Semiconductors BZG04-18 Datasheet HTML 4Page - NXP Semiconductors BZG04-18 Datasheet HTML 5Page - NXP Semiconductors BZG04-18 Datasheet HTML 6Page - NXP Semiconductors BZG04-18 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Sep 19
3
Philips Semiconductors
Preliminary specification
Transient voltage suppressor diodes
BZG04 series
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 0.5 A; see Fig.3
1.2
V
TYPE
NUMBER
REVERSE
BREAKDOWN
VOLTAGE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
CLAMPING
VOLTAGE
REVERSE CURRENT
at STAND-OFF
VOLTAGE
V(BR)R (V)
at Itest
SZ (%/K) at Itest
Itest
(mA)
V(CL)R (V) at I
RSM (A)
note 1
IR (µA)
at VR
(V)
MIN.
MIN.
MAX.
MAX.
MAX.
BZG04-8V2
9.4
0.05
0.09
50
14.8
20.3
20
8.2
BZG04-9V1
10.4
0.05
0.10
50
15.7
19.1
5
9.1
BZG04-10
11.4
0.05
0.10
50
17.0
17.7
5
10
BZG04-11
12.4
0.05
0.10
50
18.9
15.9
5
11
BZG04-12
13.8
0.05
0.10
50
20.9
14.4
5
12
BZG04-13
15.3
0.06
0.11
25
22.9
13.1
5
13
BZG04-15
16.8
0.06
0.11
25
25.6
11.7
5
15
BZG04-16
18.8
0.06
0.11
25
28.4
10.6
5
16
BZG04-18
20.8
0.06
0.11
25
31.0
9.7
5
18
BZG04-20
22.8
0.06
0.11
25
33.8
8.9
5
20
BZG04-22
25.1
0.06
0.11
25
38.1
7.9
5
22
BZG04-24
28
0.06
0.11
25
42.2
7.1
5
24
BZG04-27
31
0.06
0.11
25
46.2
6.5
5
27
BZG04-30
34
0.06
0.11
10
50.1
6.0
5
30
BZG04-33
37
0.06
0.11
10
54.1
5.5
5
33
BZG04-36
40
0.07
0.12
10
60.7
4.9
5
36
BZG04-39
44
0.07
0.12
10
65.5
4.6
5
39
BZG04-43
48
0.07
0.12
10
70.8
4.2
5
43
BZG04-47
52
0.07
0.12
10
78.6
3.8
5
47
BZG04-51
58
0.08
0.13
10
86.5
3.5
5
51
BZG04-56
64
0.08
0.13
10
94.4
3.2
5
56
BZG04-62
70
0.08
0.13
10
103.5
2.9
5
62
BZG04-68
77
0.08
0.13
10
114
2.6
5
68
BZG04-75
85
0.09
0.13
5
126
2.4
5
75
BZG04-82
94
0.09
0.13
5
139
2.2
5
82
BZG04-91
104
0.09
0.13
5
152
2.0
5
91
BZG04-100
114
0.09
0.13
5
167
1.8
5
100


Similar Part No. - BZG04-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG04-18 VISHAY-BZG04-18 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZG04-18 VISHAY-BZG04-18 Datasheet
83Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.4, 29-Nov-11
logo
Shenzhen Luguang Electr...
BZG04-18 LUGUANG-BZG04-18 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
BZG04-18 LUGUANG-BZG04-18 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
BZG04-18 VISHAY-BZG04-18 Datasheet
87Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.5, 23-Apr-14
More results

Similar Description - BZG04-18

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com