Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55858U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY55858U
Description  2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55858U Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY55858U_05 Datasheet HTML 1Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 2Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 3Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 4Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 5Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 6Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 7Page - Micrel Semiconductor SY55858U_05 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SuperLite™
SY55858U
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
f
MAX
Maximum Frequency
NRZ Data Rate
3.0
——
Gbps
Clock Frequency(6)
3.0
——
GHz
t
PLH
Differential Propagation Delay
220
350
450
ps
t
PHL
D-to-Q
t
SWITCH
Select-to-Valid Output(7)
0.50
1.0
ns
t
SKEW
Within-Device Skew(8)
12
25
ps
Within-Device Skew(9)
25
50
ps
Part-to-Part Skew (Diff.)
100
R
J
Random Jitter
25
psRMS
D
J
Deterministic Jitter
520
psPP
t
r, tf
CML Output Rise/Fall Times
80
120
ps
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
V
CC = 2.3V to 3.6V; GND = 0V; TA = –40°C to +85°C
(5)
Note 5.
Tested using environment of Figure 3, 50
Ω equivalent load. AC parameters are guaranteed by design and characterization.
Note 6.
fMAX clock is defined as the maximum toggle rate the device can operate while still achieving a 250mV minimum CML output swing, 50Ω
equivalent load.
Note 7.
Input TTL/CMOS edge rate of <1.5ns.
Note 8.
Worst-case difference between QA0 and QA1 from either DA0 or DA1 (or between QB0 and QB1 from either DB0 or DB1 respectively), when
both outputs come from the same input.
Note 9.
Worst-case difference between QA and QB outputs, when DA or DB inputs are shorted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
ID
Differential Input Voltage
100
——
mV
R
IN
Differential Input Resistance
D-to-/D
90
100
110
V
IH
Input HIGH Voltage
1.6
V
CC
V
V
IL
Input LOW Voltage
1.5
V
CC – 0.1
V
V
OH
Output HIGH Voltage
V
CC – 0.040
V
CC – 0.010
V
CC
V
No Load
V
OL
Output LOW Voltage
V
CC – 1.00
V
CC – 0.800
V
CC – 0.650
V
No Load
V
OUT(SWING) Output Voltage Swing
(4)
0.650
0.800
1.00
V
No Load
0.400
50
Ω Environment
R
OUT
Output Source Impedance
40
50
60
Note 3.
Device is guaranteed to meet the DC specifications, shown in the table above, after thermal equilibrium has been established. The device is
tested in a socket such that traverse airflow
≥500lfpm is maintained.
Note 4.
VOUT(SWING) is defined as the swing on one output of a differential pair, that is |VOH – VOL| on one pin. The swing for common mode immunity
purposes is 2
× V
OUT(SWING). Actual voltage levels and differential swing will depend on customer termination scheme. Typically, a 400mV
swing is available in the 50
Ω environment. Refer to the “CML Output Termination Application” section, Figures 3 and 4, for more details.
CML DC ELECTRICAL CHARACTERISTICS
V
CC = 2.3V to 3.6V; GND = 0V; TA = –40°C to +85°C
(3)


Similar Part No. - SY55858U_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
More results

Similar Description - SY55858U_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U_07 Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
logo
ON Semiconductor
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com