Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55853UKG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY55853UKG
Description  D LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55853UKG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY55853UKG Datasheet HTML 1Page - Micrel Semiconductor SY55853UKG Datasheet HTML 2Page - Micrel Semiconductor SY55853UKG Datasheet HTML 3Page - Micrel Semiconductor SY55853UKG Datasheet HTML 4Page - Micrel Semiconductor SY55853UKG Datasheet HTML 5Page - Micrel Semiconductor SY55853UKG Datasheet HTML 6Page - Micrel Semiconductor SY55853UKG Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SuperLite™
SY55853U
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s 2.5GHz min f
max
s 2.3V to 5.7V power supply
s Single bit latch
s Stores or flows through 1 bit of data
s Optimized to work with SuperLite™ family
s Fully differential
s Source terminated CML outputs for fast edge rates
s Accepts CML, PECL, LVPECL input logic levels
s Available in a tiny 10-pin MSOP
The SY55853U is a latch. Its differential output will
flow through the input while it's enable is high. The output
will remain static while the enable is low. In addition, an
asynchronous, level sensitive reset is provided.
SY55853U inputs can be terminated with a single
resistor between the true and the complement pins of a
given input.
The SY55853U is a member of Micrel's SuperLite™
family of high-speed CML logic. This family features very
small packaging and 2.3V to 5.7V operation.
FEATURES
D LATCH
SuperLite™
SY55853U
APPLICATIONS
s High-speed logic
s OC-48 communication systems
FUNCTIONAL BLOCK DIAGRAM
Rev.: C
Amendment: /0
Issue Date:
November 2005
SuperLite is a trademark of Micrel, Inc.
DQ
R
LATCH ENABLE
RESET
DATA
OUT
LE
SuperLite™


Similar Part No. - SY55853UKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851 MICREL-SY55851 Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
SY55851 MICREL-SY55851 Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
SY55851A MICREL-SY55851A Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851AUKG MICREL-SY55851AUKG Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
More results

Similar Description - SY55853UKG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100130 NSC-F100130 Datasheet
146Kb / 6P
   TRIPLE D LATCH
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_06 Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350 MICREL-SY100S350 Datasheet
110Kb / 7P
   HEX D-LATCH
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
logo
National Semiconductor ...
100130 NSC-100130 Datasheet
404Kb / 6P
   Triple D Latch
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_07 Datasheet
86Kb / 5P
   HEX D-LATCH
logo
NXP Semiconductors
HEF4042B PHILIPS-HEF4042B Datasheet
60Kb / 6P
   Quadruple D-latch
January 1995
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
74V1G77 STMICROELECTRONICS-74V1G77 Datasheet
131Kb / 10P
   SINGLE D-TYPE LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com