Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55854UYITR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY55854UYITR
Description  2 x 2 Protection Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55854UYITR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY55854UYITR Datasheet HTML 1Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 2Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 3Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 4Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 5Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 6Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 7Page - Micrel Semiconductor SY55854UYITR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micrel, Inc.
SY55854U
March 2007
5
M9999-032207-E
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VCC).......................................–0.5 to +6.0V
Input Voltage (VIN)....................................–0.5 to VCC +0.5V
CML Output Voltage (VOUT).............. VCC –1.0 to VCC +0.5V
Lead Temperature (soldering, 20sec.)....................... 260°C
Storage Temperature (Ts) .............................–65 to +150°C
Operating Ratings(2)
Supply Voltage (VIN)........................................–0.5 to +6.0V
Ambient Temperature (TA) .............................. –40 to +85°C
DC Electrical Characteristics
VCC = 2.3V to 5.7V; GND = 0V; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.3
5.7
V
ICC
Power Supply Current
60
mA
CML DC Electrical Characteristics
VCC = 2.3V to 5.7V; GND = 0V; TA = –40°C to +85°C(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VID
Differential Input Voltage
100
mV
VIH
Input HIGH Voltage
1.6
VCC
V
VIL
Input LOW Voltage
1.5
VCC-0.1
V
VOH
Output HIGH Voltage
No Load
VCC – 0.020
VCC – 0.010
VCC
V
VOL
Output LOW Voltage
No Load
VCC – 0.97
VCC – 0.825 VCC – 0.660
V
0.700
0.800
0.950
V
0.400
V
VOS
Output Voltage Swing(4)
No Load
100Ω Environment(5)
50Ω Environment(6)
0.200
V
RDRIVE
Output Source Impedance
80
100
120
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2. The device is not guaranteed to function outside its operating rating.
3. Equilibrium temperature.
4. Actual voltage levels and differential swing will depend on customer termination scheme. Typically, a 400mV swing is available in the 100Ω
environment and a 200mV swing in the 50Ω environment. Refer to the “CML Termination” diagram for more details
5. See Figure 4.
6. See Figure 3a and 3b.


Similar Part No. - SY55854UYITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854UYITR MICREL-SY55854UYITR Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854UYITR MICREL-SY55854UYITR Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYITR MICREL-SY55854UYITR Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results

Similar Description - SY55854UYITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com