Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM1264R Datasheet(PDF) 7 Page - AZ Displays

Part # AGM1264R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM1264R Datasheet(HTML) 7 Page - AZ Displays

Back Button AGM1264R Datasheet HTML 3Page - AZ Displays AGM1264R Datasheet HTML 4Page - AZ Displays AGM1264R Datasheet HTML 5Page - AZ Displays AGM1264R Datasheet HTML 6Page - AZ Displays AGM1264R Datasheet HTML 7Page - AZ Displays AGM1264R Datasheet HTML 8Page - AZ Displays AGM1264R Datasheet HTML 9Page - AZ Displays AGM1264R Datasheet HTML 10Page - AZ Displays AGM1264R Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 6
2.The Characteristics and The Reliability Test
1.Electro-Optic Characteristics:
Condition:TEMP=(23±3)℃
Hum=(70±5)%RH
Vdd: 5.0V
NO
Item
Symbol
Min
Typ.
Max
Unit
Condition
1
Supply Voltage(Logic)
Vdd-Vss
3.0
3.3
3.6
V
10.1
V
-20℃
9.7
V
25℃
2
LCD Operating Voltage
Vdd-V0
9.3
V
70℃
Ton
60
ms
3
Response Time
Toff
316
ms
4
Contrast
CR
3
12H
θ1
45
(CR≥3.0)
6H
θ2
55
3H
θ3
50
5
Viewing Angel
9H
θ4
50
Deg
.
6
LCD Threshold Voltage
Vth
7.78
V
25℃


Similar Part No. - AGM1264R

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264B AZDISPLAYS-AGM1264B Datasheet
617Kb / 16P
   LCD MODULE
AGM1264D AZDISPLAYS-AGM1264D Datasheet
656Kb / 13P
   LCD MODULE
AGM1264E AZDISPLAYS-AGM1264E Datasheet
646Kb / 17P
   LCD MODULE
AGM1264F AZDISPLAYS-AGM1264F Datasheet
262Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM1264H AZDISPLAYS-AGM1264H Datasheet
233Kb / 8P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1264R

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com