Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4682IGU-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT4682IGU-T1
Description  Dual Electronic Resettable Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4682IGU-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT4682IGU-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4682IGU-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AAT4682
Dual Electronic Resettable Switch
8
4682.2006.05.1.2
Applications Information
Input Capacitor
The input capacitor protects the power supply from
current transients generated by the loads attached
to the AAT4682.
If a short circuit is suddenly
applied to a AAT4682 output, there is a 500
nanosecond long period during which a large cur-
rent can flow before current limit circuitry activates.
(See characteristic curve "Short Circuit Through
0.3
Ω.") In this event, a properly sized input capac-
itor can dramatically reduce the voltage transient
seen by the power supply and other circuitry
upstream from the AAT4682.
CIN should be located as close to the device VIN
pin as practically possible. Ceramic, tantalum, or
aluminum electrolytic capacitors may be selected
for CIN. There is no specific capacitor equivalent
series resistance (ESR) requirement for CIN.
However, for higher current operation, ceramic
capacitors are recommended for CIN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitors
In order to insure stability while current limit is
active, a small output capacitance of approximately
1µF is required at each output. No matter how big
the output capacitor, output current is limited to the
value set by the AAT4682 current limiting circuitry,
allowing very large output capacitors to be used.
For example, USB ports are specified to have at
least 120µF of capacitance downstream from their
controlling power switch. The current limiting circuit
will allow an output capacitance of 1000µF or more
without disturbing the upstream power supply.
Attaching Loads
Capacitive loads attached to the AAT4682 will charge
at a rate no greater than the current limit setting.
FAULT Outputs
FAULT flags are provided to alert a system if a
AAT4682 load is not receiving sufficient voltage to
operate properly. If current limit or over-tempera-
ture circuits in any combination are active for more
than approximately two milliseconds, the corre-
sponding FAULT output is pulled to ground through
approximately 100
Ω. Removal of voltage or cur-
rent transients of less than two milliseconds pre-
vents capacitive loads connected to the AAT4682
output from activating the FAULT flag when they
are initially attached. Pull-up resistances of 10k
Ω
to 100k
Ω are recommended. Since the FAULT out-
puts are open drain terminals, they may be pulled
up to any voltage rail less than the maximum oper-
ating voltage of 5.5V, allowing for level shifting
between circuits.
Thermal Considerations
Since the AAT4682 has internal current limit and
over-temperature protection, junction temperature
is rarely a concern. However, if the application
requires large currents in a hot environment, it is
possible that temperature, rather than current limit,
will be the dominant regulating condition. In these
applications, the maximum combined current avail-
able without risk of an over-temperature condition
can be calculated. The maximum internal temper-
ature while current limit is not active can be calcu-
lated using Equation 1.
Eq. 1:
In Equation 1, IMAX is the maximum current
required by the load. RDS(ON)(MAX) is the maximum
rated RDS(ON) of the AAT4682 at high temperature.
RθJA is the thermal resistance between the
AAT4682 die and the board onto which it is mount-
ed. TA(MAX) is the maximum temperature that the
PCB under the AAT4682 would be if the AAT4682
were not dissipating power. Equation 1 can be
rearranged to solve for IMAX; Equation 2.
Eq. 2:
=
IMAX
TSD(MIN) - TA(MAX)
RDS(ON)(MAX) · RΘJA
T
J(MAX) = IMAX
2
· R
DS(ON)(MAX) · R
ΘJA + TA(MAX)


Similar Part No. - AAT4682IGU-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4682IGU-T1 ANALOGICTECH-AAT4682IGU-T1 Datasheet
251Kb / 8P
   Dual Electronic Resettable Switches
AAT4682IGU-T1 ANALOGICTECH-AAT4682IGU-T1 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
More results

Similar Description - AAT4682IGU-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682_06 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
AAT4682 ANALOGICTECH-AAT4682 Datasheet
251Kb / 8P
   Dual Electronic Resettable Switches
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
logo
Hitachi Semiconductor
HD74AC123A HITACHI-HD74AC123A Datasheet
50Kb / 9P
   Dual Retriggerable Resettable Multivibrator
logo
Renesas Technology Corp
HD74AC123A RENESAS-HD74AC123A Datasheet
249Kb / 7P
   Dual Retriggerable Resettable Multivibrator
logo
National Semiconductor ...
9602 NSC-9602 Datasheet
179Kb / 8P
   Dual Retriggerable, Resettable One Shots
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com