Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4680IGV-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT4680IGV-T1
Description  Electronic Resettable Fuse
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4680IGV-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT4680IGV-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4680IGV-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Short Circuit Through 0.6
Ω
0
2
4
6
-0.5
0.0
0.5
1.0
1.5
2.0
Time (
μs)
-1
1
3
5
Input Voltage
Output Current
Output Voltage
Short Circuit Through 0.3
Ω
-2
0
2
4
6
-0.5
0.0
0.5
1.0
1.5
2.0
Time (
μs)
-1
1
3
5
7
Input Voltage
Output Current
Output Voltage
R
DS(ON) vs. Temperature
300
350
400
450
500
550
600
650
700
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 3V
VIN = 5V
Current Limit vs. Output Voltage
Output Voltage (V)
0
0.2
0.4
0.6
0.8
1
01
2
3
4
5
Quiescent Current vs. Input Voltage
0
2
4
6
8
10
12
01
234
5
6
Input Voltage (V)
Quiescent Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
AAT4680
Electronic Resettable Fuse
4680.2006.05.1.2
5


Similar Part No. - AAT4680IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680IGV-T1 ANALOGICTECH-AAT4680IGV-T1 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
AAT4680IGV-T1 ANALOGICTECH-AAT4680IGV-T1 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
More results

Similar Description - AAT4680IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
logo
List of Unclassifed Man...
MC33196 ETC-MC33196 Datasheet
1Mb / 4P
   Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Shanghai Yint Electroni...
SMD2920 YINT-SMD2920 Datasheet
476Kb / 4P
   POLYMER RESETTABLE FUSE
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com