Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4626IHS-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4626IHS-T1
Description  USB Dual-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4626IHS-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4626IHS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4626IHS-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AAT4626
USB Dual-Channel Power Switch
10
4626.2006.05.1.2
Hot-Plug Applications
Application circuit cards with a high inrush current
potential can be limited by use of the AAT4626.
The AAT4626 has both slew rate limited turn on
characteristics and current limit controlled outputs,
which make it ideally suited for power port hot-plug
applications. A host power back plane or hot-plug
receptacle may be sensitive to short duration, high
power surges. The AAT4626 will turn on in a linear
ramping fashion and regulate the inrush current
within the specified current limit for the device. The
error flag usually will not be affected during appli-
cation turn-on since the 10ms fault flag blanking
time is intended for these types of events. If an
application turn-on current surge exceeds 10ms,
an RC delay filter may be added to the flag output
to prevent the system from receiving an error dur-
ing the start-up sequence.
Figure 1: Fault Flag Delay RC Filter.
R1
10k
Ω
100k
Ω
C1
0.1
μF
AAT4626
1
2
3
45
6
7
8
ENA
FLGA
FLGB
ENB OUTB
GND
IN
OUTA
V+
USB Controller
Over-Current
Flag Input
Figure 2: AAT4626 Input Inrush Current Protected Dual Output Application.
CIN
4.7
μF
AAT4626
1
2
3
45
6
7
8
ENA
FLGA
FLGB
ENB
OUTB
GND
IN
OUTA
CBULKA
(120
μF)
Card
Application
Circuit A
V+
GND
Dual Channel
Inrush Current Protected
Application Card
Cable / Connector
to Hot-Plug Port
VBUS
GND
Hot-Plug
Receptacle
Card
Application
Circuit B
CBULKB
(120
μF)
0.1
μF


Similar Part No. - AAT4626IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626IHS-T1 ANALOGICTECH-AAT4626IHS-T1 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
AAT4626IHS-T1 ANALOGICTECH-AAT4626IHS-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com