Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4625IHS-T1 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT4625IHS-T1
Description  USB Single-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4625IHS-T1 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT4625IHS-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4625IHS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C; bold values designate
full temperature range.
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN
Operation Voltage
2.7
5.5
V
IQ
Quiescent Current
VIN = 5V, EN = Active
16
30
µA
IQ(OFF)
Off Supply Current
VIN = 5.5V, EN (EN) = Inactive
1
µA
VEN-THRSH
Enable Input Threshold
Low-to-High Transition
2.4
V
High-to-Low Transition
0.8
IEN
Enable Input Current
VEN = 0V to 5.5V
0.01
1
µA
CEN
Enable Input Capacitance
1
pF
RDS(ON)
On-Resistance
VIN = 5V, TA = 25°C
60
100
m
Ω
VIN = 3.0V, TA = 25°C
70
115
TON
Output Turn-On Delay
VIN = 5V, RL = 10Ω
0.25
ms
TON-RISE
Output Turn-On Rise Time
VIN = 5V, RL = 10Ω
0.2
ms
TOFF
Output Turn-Off Delay
VIN = 5V, RL = 10Ω
5
20
µs
TOFF-FALL
Output Turn-Off Fall Time
VIN = 5V, RL = 10Ω
20
µs
ISD(OFF)
Output Leakage Current
EN = Inactive, VIN = 5.5V, VOUT = 0V
0.03
15
µA
ILIMIT
Current Limit Threshold
Ramped Load Applied to Enable
1.0
1.5
2.0
A
Output, VOUT < 4.0V
OTMP
Over-Temperature Shutdown
TJ Increasing
125
°C
TJ Decreasing
115
RFLG
Error Flag Output Resistance
VIN = 5V, IL = 1mA
30
Ω
ISINK
Error Flag Off Current
VFLG = 5.5V
0.05
1
µA
VUVLO
Under-Voltage Lockout
VIN = Increasing, 1% Hysteresis
2.0
2.3
2.7
V
TBLANK
FAULT Blanking
10
ms
AAT4625
USB Single-Channel Power Switch
4
4625.2006.04.1.2


Similar Part No. - AAT4625IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625IHS-T1 ANALOGICTECH-AAT4625IHS-T1 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
AAT4625IHS-T1 ANALOGICTECH-AAT4625IHS-T1 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
More results

Similar Description - AAT4625IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com