Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4626 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT4626
Description  USB Dual-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4626 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT4626 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4626 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Short Circuit Through 0.6
Ω
0
2
4
6
-1
0
1
23
45
-3
0
3
6
Input Voltage
Time (
μs)
Output Voltage
Output Current
Short Circuit Through 0.3
Ω
0
2
4
6
8
-1
01
23
45
-4
0
4
8
12
Input Voltage
Time (
μs)
Output Voltage
Output Current
Thermal Shutdown Response
Time (100ms/div)
EN (5V/div)
FAULT (5V/div)
IIN (500mA/div)
VOUT (1V/div)
Start Into 1
Ω Load
EN (5V/div)
FAULT (5V/div)
VOUT (1V/div)
Time (200
μs/div)
IIN (500mA/div)
EN (5V/div)
FAULT (5V/div)
VOUT (1V/div)
Turn-On/Off Response with
10
Ω, 1μF Load
Time (100
μs/div)
IIN (500mA/div)
AAT4626
USB Dual-Channel Power Switch
6
4626.2006.05.1.2


Similar Part No. - AAT4626

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
AAT4626 ANALOGICTECH-AAT4626 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
AAT4626IAS-1-B1 ANALOGICTECH-AAT4626IAS-1-B1 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com