Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK0002ERH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK0002ERH
Description  RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0002ERH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK0002ERH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0002ERH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The MSK 0002RH is a general purpose current amplifier. It is the industry wide RAD tolerant replacement for the
LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current
output. The MSK 0002RH is designed with a symmetrical output stage that provides low output impedances to both
the positive and negative portions of output pulses. The MSK 0002RH is packaged in a hermetic 8 lead low profile
T0-5 header and is specified over the full military temperature range.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
0002RH
FEATURES:
Total Dose Tested to 300 Krads (Si)
RAD Tolerant LH0002 Replacement
High Input Impedance-180K
Ω Min
Low Output Impedance-10
Ω Max
Low Harmonic Distortion
DC to 30 MHz Bandwidth
Slew Rate is Typically 400 V/µS
Operating Range from±5V to ±20V
Contact MSK for MIL-PRF-38534 Qualification Status and Appendix G (Radiation Status)
DESCRIPTION:
EQUIVALENT SCHEMATIC
E4
V2-
V1-
Input
1
2
3
4
V1+
V2+
E3
Output
5
6
7
8
PIN-OUT INFORMATION
High Speed D/A Conversion
30MHz Buffer
Line Driver
Precision Current Source
TYPICAL APPLICATIONS
MIL-PRF-38534 CERTIFIED
Rev. A
4/07
1
RAD TOLERANT,
HIGH SPEED,
BUFFER AMPLIFIER


Similar Part No. - MSK0002ERH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002H MSK-MSK0002H Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Anaren Microwave
MSK0002H ANAREN-MSK0002H Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
MSK0002HRH ANAREN-MSK0002HRH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results

Similar Description - MSK0002ERH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
   High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com