Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4610AIGV-1-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT4610AIGV-1-T1
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4610AIGV-1-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT4610AIGV-1-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4610AIGV-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information
Setting Current Limit
In most applications, the variation in ILIM must be
taken into account when determining RSET. The ILIM
variation is due to processing variations from part
to part, as well as variations in the voltages at IN
and OUT, plus the operating temperature. See
charts "Current Limit vs. Temperature" and "Output
Current vs. VOUT." Together, these three factors
add up to a ±25% tolerance (see ILIM specification
in Electrical Characteristics section). Figure 1 illus-
trates a cold device with a statistically higher cur-
rent limit and a hot device with a statistically lower
current limit, both with RSET equal to 10.5kΩ. While
the chart, "RSET vs. ILIM" indicates an ILIM of 0.7A
with an RSET of 10.5kΩ, this figure shows that the
actual current limit will be at least 0.525A and no
greater than 0.880A.
Figure 1: Current Limit Using 10.5k
Ω
Ω.
To determine RSET, start with the maximum current
drawn by the load and multiply it by 1.33 (typical
ILIM = minimum ILIM / 0.75). This is the typical cur-
rent limit value. Next, refer to "RSET vs. ILIM" and
find the RSET that corresponds to the typical current
limit value. Choose the largest resistor available
that is less than or equal to it. For greater precision,
the value of RSET may also be calculated using the
Ω
0
0.2
0.4
0.6
0.8
1
1.2
01
2
3
4
5
VOUT (V)
0.88A
0.525A
Device with high current limit at -40
°C
Device with low current limit at 85
°C
AAT4610A
Current Limited Load Switch
8
4610A.2006.9.1.3
Functional Block Diagram
Current
Limit
1.2V
Reference
Under-
Voltage
Lockout
Over-Temperature
Protection
OUT
SET
GND
R
SET
ON (ON)
IN


Similar Part No. - AAT4610AIGV-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610AIGV-1-T1 ANALOGICTECH-AAT4610AIGV-1-T1 Datasheet
224Kb / 12P
   Current Limited Load Switch
AAT4610AIGV-1-T1 ANALOGICTECH-AAT4610AIGV-1-T1 Datasheet
191Kb / 11P
   Current Limited Load Switch
logo
Skyworks Solutions Inc.
AAT4610AIGV-1-T1 SKYWORKS-AAT4610AIGV-1-T1 Datasheet
1Mb / 11P
   Current Limited Load Switch
May 3, 2012
More results

Similar Description - AAT4610AIGV-1-T1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com