Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4291IJS-1-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT4291IJS-1-T1
Description  I/O Expander Load Switches with Serial Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4291IJS-1-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT4291IJS-1-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4291IJS-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AAT4290/91
I/O Expander Load Switches with Serial Control
4290.2006.03.1.2
5
Typical Characteristics
Unless otherwise noted, V
IN = 5V, CIN = 1µF, COUTX = 0.1µF, TA = 25°C.
R
DS(ON) vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5.0V
I
O1-5 = 100mA
R
DS3
R
DS4
R
DS5
R
DS1
R
DS2
R
DS(ON) vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.7
0.8
0.9
1
1.1
1.2
1.3
V
IN = 5.0V
I
O1-5 = 50mA
R
DS1
R
DS2
R
DS3
R
DS4
R
DS5
R
DS(ON) vs. Input Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
IO1-5 = 100mA
RDS1
RDS2
RDS5
RDS3
RDS4
V
IH and VIL vs. Input Voltage
1.5
2.5
2
3.5
3
4.5
4
5.5
5
Input Voltage (V)
VIL
VIH
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Quiescent Current vs. Input Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Quiescent Current vs. Temperature
-40
-20
0
20
40
60
80
100
Temperature (
°C)
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN = 5.0V
VIN = 3.3V


Similar Part No. - AAT4291IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4291IJS-1-T1 ANALOGICTECH-AAT4291IJS-1-T1 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4291IJS-1-T1 ANALOGICTECH-AAT4291IJS-1-T1 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results

Similar Description - AAT4291IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
EV-101 ANALOGICTECH-EV-101 Datasheet
116Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
logo
SiGe Semiconductor, Inc...
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com