Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3524IGY-4.63-200-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3524IGY-4.63-200-T1
Description  MicroPower??Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3524IGY-4.63-200-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3524IGY-4.63-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
3520.2006.03.1.2
1
Typical Application
*AAT3524 Only
AAT3520
AAT3522
AAT3524
µP
V
CC
VCC
VCC
RESET
(RESET)
GND
GND
RESET
INPUT
100kΩ
(nominal)
*
General Description
The AAT3520 series of PowerManager products is
part of AnalogicTech's Total Power Management
IC™ (TPMIC™) product family.
These micro-
processor reset circuits are ideal for monitoring volt-
age supplies in portable systems, where extended
battery life is critical. They provide a low-cost, reli-
able solution by eliminating the need for external
components.
The AAT3520 series operates by
monitoring the system power supply voltage. When
the input voltage drops below a fixed threshold, the
device asserts a reset signal for a fixed time period
after V
CC has risen back above the fixed threshold;
30ms and 150ms minimum periods are available.
The AAT3520 product series is guaranteed to oper-
ate down to 1.2V and is designed to ignore fast line
transients appearing on V
CC.
The AAT3520 series
is available with three output stage versions:
AAT3520 push-pull active high output; AAT3522
push-pull active low output; and AAT3524 open
drain active low output. The quiescent supply cur-
rent is extremely low, typically 1µA, making it ideal
for portable battery-operated equipment.
The AAT3520/2/4 are available in a Pb-free, 3-pin
SOT23 package and are specified over the -40°C
to +85°C operating temperature range.
Features
Input Voltage Range: 1.2V to 5.5V
Operation Down to 1.2V
Extremely Low Quiescent Current: <2µA
High Accuracy Detection Threshold: ±1.5%
Monitor Power Supply Voltages
Fixed Thresholds from 2.2V to 4.6V
Reset Pulse Width Options
— Minimum 30ms or 150ms
— Fast Propagation Delay <20µs
Available Output Configurations:
— Open-Drain Output
— CMOS Active High Output
— CMOS Active Low Output
Temperature Range: -40°C to +85°C
3-Pin SOT23 Package
4kV ESD Rating
Applications
Cell Phones
Embedded Systems
Intelligent Instruments
Notebook Computers
Portable Electronics
PowerManager


Similar Part No. - AAT3524IGY-4.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3524IGY-4.63-200-T1 ANALOGICTECH-AAT3524IGY-4.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3524IGY-4.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com