Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4280AIJS-2-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT4280AIJS-2-T1
Description  Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280AIJS-2-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT4280AIJS-2-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280AIJS-2-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AAT4280A
Slew Rate Controlled Load Switch
4280A.2005.11.1.3
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Characteristics
3
Symbol
Description
Value
Units
Θ
JA
Thermal Resistance
140
°C/W
P
D
Power Dissipation
714
mW
Symbol
Description
Value
Units
V
IN
IN to GND
-0.3 to 6
V
V
ON
ON/OFF to GND
-0.3 to 6
V
V
OUT
OUT to GND
-0.3 to V
IN + 0.3
V
I
MAX
Maximum Continuous Switch Current
2.3
A
I
DM
Maximum Pulsed Current
IN
≥ 2.5V
6
A
IN < 2.5V
3
A
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
S
Storage Temperature Range
-65 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads)
300
°C
V
ESD
ESD Rating
2 - HBM
4000
V
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on an AAT4280A demo board in still 25ºC air.


Similar Part No. - AAT4280AIJS-2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280AIJS-2-T1 ANALOGICTECH-AAT4280AIJS-2-T1 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280AIJS-2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com