Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4280IJS-1-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT4280IJS-1-T1
Description  Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4280IJS-1-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT4280IJS-1-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4280IJS-1-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT4280
Slew Rate Controlled Load Switch
4280.2006.11.1.4
11
For maximum current, refer to the following equation:
IOUT(MAX) < ( PD(MAX) / RDS)1/2
For example, if VIN = 5V, RDS(MAX) = 154mΩ and TA
= 25°C, IOUT(MAX) = 2.3A. If the output load current
were to exceed 2.3A or if the ambient temperature
were to increase, the internal die temperature
would increase, and the device would be damaged.
Higher peak currents can be obtained with the
AAT4280. To accomplish this, the device thermal
resistance must be reduced by increasing the heat
sink area or by operating the load switch in a duty-
cycle manner.
High Peak Output Current Applications
Some applications require the load switch to oper-
ate at a continuous nominal current level with short
duration, high-current peaks. The duty cycle for
both output current levels must be taken into
account. To do so, first calculate the power dissi-
pation at the nominal continuous current level, and
then add in the additional power dissipation due to
the short duration, high-current peak scaled by the
duty factor.
For example, a 4V system using an AAT4280 oper-
ates at a continuous 100mA load current level and
has short 2A current peaks, as in a GSM applica-
tion. The current peak occurs for 576µs out of a
4.61ms period.
First, the current duty cycle is calculated:
% Peak Duty Cycle: X/100 = 576µs/4.61ms
% Peak Duty Cycle = 12.5%
The load current is 100mA for 87.5% of the 4.61ms
period and 2A for 12.5% of the period. Since the
Electrical Characteristics do not report RDS(MAX) for
4V operation, it must be calculated approximately
by consulting the chart of RDS(ON) vs. VIN. The RDS
reported for 5V can be scaled by the ratio seen in
the chart to derive the RDS for a 4V VIN: 120mΩ ·
87m
Ω /80mΩ = 130mΩ. De-rated for temperature:
130m
Ω x (1 + 0.0028 · (125°C -25°C)) = 166mΩ.
The power dissipation for a 100mA load is calculat-
ed as follows:
PD(MAX) = IOUT2 · RDS
PD(100mA) = (100mA)2 · 166mΩ
PD(100mA) = 1.66mW
PD(87.5%D/C) = %DC · PD(100mA)
PD(87.5%D/C) = 0.875 · 1.66mW
PD(87.5%D/C) = 1.45mW
The power dissipation for 100mA load at 87.5%
duty cycle is 1.45mW. Now the power dissipation
for the remaining 12.5% of the duty cycle at 2A is
calculated:
PD(MAX) = IOUT2 · RDS
PD(2A) = (2A)2 · 166mΩ
PD(2A) = 664mW
PD(12.5%D/C) = %DC · PD(2A)
PD(12.5%D/C) = 0.125 · 664mW
PD(12.5%D/C) = 83mW
The power dissipation for 2A load at 12.5% duty
cycle is 83mW. Finally, the two power figures are
summed to determine the total true power dissipa-
tion under the varied load.
PD(total) = PD(100mA) + PD(2A)
PD(total) = 1.45mW + 83mW
PD(total) = 84.5mW
The maximum power dissipation for the AAT4280
operating at an ambient temperature of 85°C is
333mW. The device in this example will have a
total power dissipation of 84.5mW. This is well
within the thermal limits for safe operation of the
device; in fact, at 85°C, the AAT4280 will handle a
2A pulse for up to 50% duty cycle. At lower ambi-
ent temperatures, the duty cycle can be further
increased.


Similar Part No. - AAT4280IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280IJS-1-T1 ANALOGICTECH-AAT4280IJS-1-T1 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280IJS-1-T1 ANALOGICTECH-AAT4280IJS-1-T1 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com