Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4280AIJS-1-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4280AIJS-1-T1
Description  Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280AIJS-1-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4280AIJS-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280AIJS-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AAT4280A
Slew Rate Controlled Load Switch
4
4280A.2005.11.1.3
Electrical Characteristics
Unless otherwise noted, V
IN = 5V, TA = -40°C to +85°C; typical values are TA = 25°C.
Symbol Description
Conditions
Min
Typ
Max
Units
AAT4280A All Versions
V
IN
Operation Voltage
1.5
5.5
V
I
Q
Quiescent Current
ON/OFF = Active
1
µA
I
Q(off)
Off Supply Current
ON/OFF = Inactive, OUT = Open
1
µA
I
SD(off)
Off Switch Current
ON/OFF = Inactive, V
OUT = 0
1
µA
V
IN = 5V, TA = 25°C
80
120
V
IN = 4.2V, TA = 25°C
85
130
R
DS(on)
On Resistance
V
IN = 3V, TA = 25°C
100
150
m
V
IN = 1.8V, TA = 25°C
160
250
V
IN = 1.5V, TA = 25°C
200
300
TC
RDS
On Resistance Temperature Coefficient
2800
ppm/°C
V
IL
ON/OFF Input Logic Low Voltage
V
IN = 1.8V to 5.5V
1
0.4
V
V
IN = 2.7V to 4.2V
2
V
IH
ON/OFF Input Logic High Voltage
V
IN = 4.2V to 5.5V
2.4
V
V
IN = 1.5V to 2.7V
1.4
I
SINK
ON/OFF Input Leakage
V
ON/OFF = 5.5V
1
µA
AAT4280A-1
T
D(ON)
Output Turn-On Delay
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
20
40
µs
T
ON
Output Turn-On Rise Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
1000
1500
µs
T
D(OFF)
Output Turn-Off Delay Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
4
10
µs
AAT4280A-2
T
D(ON)
Output Turn-On Delay
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
0.5
2
µs
T
ON
Output Turn-On Rise Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
0.5
1
µs
T
D(OFF)
Output Turn-Off Delay Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
4
10
µs
AAT4280A-3
T
D(ON)
Output Turn-On Delay
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
20
40
µs
T
ON
Output Turn-On Rise Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
100
150
µs
T
D(OFF)
Output Turn-Off Delay Time
V
IN = 5V, RLOAD = 10Ω, TA = 25°C
4
10
µs
R
PD
Output Pull-Down Resistance During OFF ON/OFF = Inactive, T
A = 25°C
150
250
1. For V
IN outside this range, consult typical ON/OFF threshold curve.


Similar Part No. - AAT4280AIJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280AIJS-1-T1 ANALOGICTECH-AAT4280AIJS-1-T1 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280AIJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com