Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3522IGY-4.38-200-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3522IGY-4.38-200-T1
Description  MicroPower??Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3522IGY-4.38-200-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

  AAT3522IGY-4.38-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3522IGY-4.38-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
8
3520.2006.03.1.2
Factory Trimmed Reset Thresholds
1 and Ordering Information
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Reset Threshold Voltage, V
TH (V)
Ordering
Minimum Reset
T
A = 25°C
T
A = -40°C to +85°C
Part Number
2
Marking
3
Active (ms)
Min
Typ
Max
Min
Max
AAT3522IGY-2.20-200-T1
DBXYY
150
2.167
2.200
2.233
2.145
2.255
AAT3520IGY-2.32-200-T1
150
AAT3522IGY-2.32-200-T1
DTXYY
150
2.285
2.320
2.355
2.262
2.378
AAT3524IGY-2.32-200-T1
150
AAT3522IGY-2.45-200-T1
DXXYY
150
2.413
2.450
2.487
2.389
2.511
AAT3520IGY-2.63-200-T1
GNXYY
150
AAT3522IGY-2.63-200-T1
CAXYY
150
2.591
2.630
2.669
2.564
2.696
AAT3524IGY-2.63-200-T1
CWXYY
150
AAT3520IGY-2.93-200-T1
CZXYY
150
AAT3522IGY-2.93-50-T1
FVXYY
30
AAT3522IGY-2.93-200-T1
CCXYY
150
2.886
2.930
2.974
2.857
3.003
AAT3524IGY-2.93-200-T1
FPXYY
150
AAT3520IGY-3.08-50-T1
EFXYY
30
AAT3520IGY-3.08-200-T1
CNXYY
150
AAT3522IGY-3.08-50-T1
CYXYY
30
3.034
3.080
3.126
3.003
3.157
AAT3522IGY-3.08-200-T1
CBXYY
150
AAT3524IGY-3.08-200-T1
BGXYY
150
AAT3520IGY-4.38-200-T1
150
AAT3522IGY-4.38-200-T1
FUXYY
150
4.314
4.380
4.446
4.271
4.490
AAT3524IGY-4.38-200-T1
IVXYY
150
AAT3520IGY-4.63-200-T1
HKXYY
150
AAT3522IGY-4.63-200-T1
DAXYY
150
4.561
4.630
4.699
4.514
4.746
AAT3524IGY-4.63-200-T1
DUXYY
150
1. Contact Local Sales Office for custom trimmed options.
2. Sample stock is generally held on part numbers listed in BOLD.
3. XYY = assembly and date code.


Similar Part No. - AAT3522IGY-4.38-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3522IGY-4.38-200-T1 ANALOGICTECH-AAT3522IGY-4.38-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3522IGY-4.38-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com