Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4250 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4250
Description  Slew Rate Controlled Load Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4250 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4250 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 13Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AAT4250
Slew Rate Controlled Load Switch
10
4250.2006.03.1.3
High Peak Output Current Applications
Some applications require the load switch to oper-
ate at a continuous nominal current level with short
duration, high-current peaks.
Refer to the I
DM
specification in the Absolute Maximum Ratings
table to ensure the AAT4250’s maximum pulsed
current rating is not exceeded. The duty cycle for
both output current levels must be taken into
account. To do so, first calculate the power dissi-
pation at the nominal continuous current level, and
then add the additional power dissipation due to
the short duration, high-current peak scaled by the
duty factor.
For example, a 4V system using an AAT4250 oper-
ates at a continuous 100mA load current level and
has short 2A current peaks, as in a GSM applica-
tion. The current peak occurs for 576µs out of a
4.61ms period.
First, the current duty cycle is calculated:
% Peak Duty Cycle: X/100 = 576µs/4.61ms
% Peak Duty Cycle = 12.5%
The load current is 100mA for 87.5% of the 4.61ms
period and 2A for 12.5% of the period. Since the
Electrical Characteristics do not report R
DS(MAX) for
4V operation, it must be approximated by consulting
the chart of R
DS(ON) vs. VIN. The RDS reported for 5V
R
DS can be scaled by the ratio seen in the chart to
derive the R
DS for 4V VIN: 175mΩ x 120mΩ/115mΩ
= 183m
Ω. Derated for temperature: 183mΩ x (1 +
0.002800 x (125°C -25°C)) = 235m
Ω. The power
dissipation for a 100mA load is calculated as follows:
P
D(MAX) = I
2
OUT x RDS
P
D(100mA) = (100mA)
2 x 235m
P
D(100mA) = 2.35mW
P
D(87.5%D/C) = %DC x PD(100mA)
P
D(87.5%D/C) = 0.875 x 2.35mW
P
D(87.5%D/C) = 2.1mW
The power dissipation for 100mA load at 87.5%
duty cycle is 2.1mW. Now the power dissipation for
the remaining 12.5% of the duty cycle at 2A is cal-
culated:
P
D(MAX) = I
2
OUT x RDS
P
D(2A) = (2A)
2 x 235m
P
D(2A) = 940mW
P
D(12.5%D/C) = %DC x PD(2A)
P
D(12.5%D/C) = 0.125 x 940mW
P
D(12.5%D/C) = 117.5mW
The power dissipation for 2A load at 12.5% duty
cycle is 117mW. Finally, the two power figures are
summed to determine the total true power dissipa-
tion under the varied load.
P
D(total) = PD(100mA) + PD(2A)
P
D(total) = 2.1mW + 117.5mW
P
D(total) = 120mW
The maximum power dissipation for the AAT4250
operating at an ambient temperature of 85°C is
267mW. The device in this example will have a total
power dissipation of 120mW. This is well within the
thermal limits for safe operation of the device; in fact,
at 85°C, the AAT4250 will handle a 2A pulse for up
to 28% duty cycle. At lower ambient temperatures,
the duty cycle can be further increased.
Printed Circuit Board Layout
Recommendations
For proper thermal management, and to take
advantage of the low R
DS(ON) of the AAT4250, a few
circuit board layout rules should be followed: V
IN
and V
OUT should be routed using wider than normal
traces, and GND should be connected to a ground
plane. For best performance, C
IN and COUT should
be placed close to the package pins.


Similar Part No. - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4250IJS-T1 ANALOGICTECH-AAT4250IJS-T1 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4250

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com