Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S364FC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S364FC
Description  16-INPUT MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S364FC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S364FC Datasheet HTML 1Page - Micrel Semiconductor SY100S364FC Datasheet HTML 2Page - Micrel Semiconductor SY100S364FC Datasheet HTML 3Page - Micrel Semiconductor SY100S364FC Datasheet HTML 4Page - Micrel Semiconductor SY100S364FC Datasheet HTML 5Page - Micrel Semiconductor SY100S364FC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100S364
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
Select Inputs
Output
S0
S1
S2
S3
Z
L
LLL
I0
H
LLL
I1
LH
L
L
I2
HH
L
L
I3
LL
H
L
I4
HL
H
L
I5
LH
H
L
I6
HH
H
L
I7
LL
L
H
I8
HL
L
H
I9
LH
L
H
I10
HH
L
H
I11
LL
H
H
I12
HL
H
H
I13
L
HHH
I14
H
HHH
I15
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
TRUTH TABLE(1)
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
In
200
S0, S1
200
S2, S3
200
IEE
Power Supply Current
–63
–45
–30
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
Pin
Function
I0 – I15
Data Inputs
S0 – S3
Select Inputs
Z
Data Output
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
400
1400
400
1400
400
1400
ps
tPHL
I0 – I15 to Output
tPLH
Propagation Delay
400
1900
400
1900
400
1900
ps
tPHL
S0, S1 to Output
tPLH
Propagation Delay
400
1700
400
1700
400
1700
ps
tPHL
S2, S3 to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND


Similar Part No. - SY100S364FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S364FC MICREL-SY100S364FC Datasheet
107Kb / 5P
   16-INPUT MULTIPLEXER
More results

Similar Description - SY100S364FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364_07 Datasheet
89Kb / 4P
   16-INPUT MULTIPLEXER
logo
NXP Semiconductors
100164 PHILIPS-100164 Datasheet
261Kb / 6P
   16-Input Multiplexer
June 14 1990
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364 Datasheet
107Kb / 5P
   16-INPUT MULTIPLEXER
logo
National Semiconductor ...
F100164 NSC-F100164 Datasheet
409Kb / 5P
   F100164 16-Input Multiplexer
F100364 NSC-F100364 Datasheet
217Kb / 8P
   Low Power 16-Input Multiplexer
logo
Texas Instruments
100364 TI1-100364 Datasheet
158Kb / 7P
[Old version datasheet]   Low Power 16-Input Multiplexer
logo
National Semiconductor ...
100364 NSC-100364 Datasheet
124Kb / 8P
   Low Power 16-Input Multiplexer
logo
Fairchild Semiconductor
100364 FAIRCHILD-100364 Datasheet
72Kb / 7P
   Low Power 16-Input Multiplexer
logo
National Semiconductor ...
100364 NSC-100364_09 Datasheet
294Kb / 8P
   Low Power 16-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com