Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S363JZ Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S363JZ
Description  DUAL 8-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S363JZ Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S363JZ Datasheet HTML 1Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 2Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 3Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 4Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 5Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 6Page - Micrel Semiconductor SY100S363JZ Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SY100S363
Micre, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
Sn
200
An, Bn
200
IEE
Power Supply Current
–92
–66
–45
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
900
300
900
300
900
ps
tPHL
A0 – A7, B0 – B7 to Output
tPLH
Propagation Delay
400
1300
400
1300
400
1300
ps
tPHL
S0 – S2 to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1000
300
1000
300
1000
ps
tPHL
A0 – A7, B0 – B7 to Output
tPLH
Propagation Delay
400
1400
400
1400
400
1400
ps
tPHL
S0 – S2 to Output
tTLH
Transition Time
300
1000
300
1000
300
1000
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S363JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S363JZ MICREL-SY100S363JZ Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
SY100S363JZTR MICREL-SY100S363JZTR Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
More results

Similar Description - SY100S363JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S363 MICREL-SY100S363_07 Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
SY100S363 MICREL-SY100S363 Datasheet
108Kb / 6P
   DUAL 8-INPUT MULTIPLEXER
logo
National Semiconductor ...
100363 NSC-100363 Datasheet
127Kb / 8P
   Low Power Dual 8-Input Multiplexer
logo
Fairchild Semiconductor
100363 FAIRCHILD-100363 Datasheet
74Kb / 7P
   Low Power Dual 8-Input Multiplexer
logo
National Semiconductor ...
F100363 NSC-F100363 Datasheet
162Kb / 6P
   LOW POWER DUAL 8-INPUT MULTIPLEXER
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com