Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3527ICX-3.08-200-T1 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3527ICX-3.08-200-T1
Description  MicroPower??Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3527ICX-3.08-200-T1 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3527ICX-3.08-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3527ICX-3.08-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Descriptions
AAT3526, 3527, 3528 (SOT143)
Part Number Descriptions
Pin Configuration
SOT143
(Top View)
MR
3
VCC
(RESET) RESET
GND
1
2
4
Part Number
Output Type
AAT3526
Reset Output Push Pull Active Low with Delay
AAT3527
Reset Output Push Pull Active High with Delay
AAT3528
Reset Output Open Drain Active Low with Delay
Pin #
Symbol
Function
1
GND
Ground connection.
RESET
RESET output remains high while V
CC is below the reset threshold
2
(AAT3527)
and remains so for a minimum of 150ms after V
CC raises above the
reset threshold.
RESET
RESET output remains low while V
CC is below the reset threshold
(AAT3526,
and remains so for a minimum of 150ms after V
CC raises above the
AAT3528)
reset threshold.
3
MR
Manual reset active low input. A logic low signal on MR asserts a
reset condition. Asserted reset continues as long as MR is low and
for a minimum of 150ms after MR returns high.
4
VCC
Supply voltage (+1.2V to +5.5V). Due to extremely low operating
current, it is recommended to place a 10nF capacitor between V
CC
and GND.
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
2
3526.2006.03.1.6


Similar Part No. - AAT3527ICX-3.08-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3527ICX-3.08-200-T1 ANALOGICTECH-AAT3527ICX-3.08-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3527ICX-3.08-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com