Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA12010PRFB Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S48SA12010PRFB
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA12010PRFB Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S48SA12010PRFB Datasheet HTML 1Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 2Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 3Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 4Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 5Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 6Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 7Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 8Page - Delta Electronics, Inc. S48SA12010PRFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS_S48SA1R212_05122006
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted)
PARAMETER
NOTES and CONDITIONS
S48SA1R212NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 18 for measuring point
-40
102
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1 minute
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34
35.5
V
Turn-Off Voltage Threshold
30.5
32
33.5
V
Lockout Hysteresis Voltage
1
2
3
V
Maximum Input Current
100% Load, 36Vin
0.85
A
No-Load Input Current
35
mA
Off Converter Input Current
7
mA
Inrush Current(I
2t)
0.01
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
5
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=50%Io.max, Ta=25℃
1.17
1.20
1.23
V
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±2
±10
mV
Over Line
Vin=36V to75V
±2
±5
mV
Over Temperature
Ta=-40℃ to 85℃
100
300
ppm/℃
Total Output Voltage Range
Over sample load, line and temperature
1.15
1.25
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
30
75
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
5
20
mV
Operating Output Current Range
0
12
A
Output DC Current-Limit Inception
Output Voltage 10% Low
13.2
15.6
18
A
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io,max to 75% Io,max
35
100
mV
Negative Step Change in Output Current
75% Io,max to 50% Io.max
35
100
mV
Settling Time to 1% of Final value
200
µs
Turn-On Transient
Start-Up Time, From On/Off Control
6
12
ms
Start-Up Time, From Input
6
12
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
2200
µF
EFFICIENCY
100% Load
82
84
%
ISOLATION CHARACTERISTICS
Isolation Voltage
1500
V
Isolation Resistance
10
MΩ
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
330
kHz
ON/OFF Control, (Logic Low-Module ON)
Logic Low
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Trim Pin & +Vo or –Vo, Pout≦max rated
-10
+10
%
Output Over-Voltage Protection(Hiccup)
Over full temp range; % of nominal Vout
115
125
160
%
GENERAL SPECIFICATIONS
Calculated MTBF
Io=80% of Io, max; Tc=40°C
TBD
hours
Weight
18
grams
Over-Temperature Shutdown
Refer to Figure 18 for measuring point
115
°C
2


Similar Part No. - S48SA12010PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA12010PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com