Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3690 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3690
Description  1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3690 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3690 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3690 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AAT3690
1.0A USB Port/Adapter
Lithium-Ion/Polymer Battery Charger
3690.2007.01.1.2
11
System Operation Flow Chart
Shutdown
Mode
No
No
No
Yes
No
Yes
No
Yes
Yes
USB
ADP
Yes
Set
Expire
Power On
Reset
Power On
Reset
Sleep
Mode
Sleep
Mode
Power Select
USB Loop
No
Yes
No
Yes
Fault
Conditions Monitor
OV, OT
Yes
No
Thermal
Loop Enable
USB Loop
Current
Reduction in USB
Charging Mode
USB Loop
Current
Reduction in USB
Charging Mode
Timing
ADP
Loop
No
Enable
Yes
UVLO
V
P > VUVLO
Switch
On
Device Temp. Monitor
T
J > 110°C
Battery
Temp. Fault
Thermal Loop
Current
Reduction in ADP
Charging Mode
Charge
Safety
Timer
Current
Charging
Mode
Battery
Temp. Monitor
V
TS1 < TS < VTS2
Current Phase Test
V
EOC > VBAT
Recharge Test
V
RCH > VBAT
Voltage Phase Test
I
BAT > ITERM
Voltage
Charging
Mode
USB Voltage
Regulation
Enable
USB Voltage Test
V
USB < 4.5V
Charge
Completed


Similar Part No. - AAT3690

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3691 SKYWORKS-AAT3691 Datasheet
1Mb / 18P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3692 SKYWORKS-AAT3692 Datasheet
2Mb / 19P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
   1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3690

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3689 ANALOGICTECH-AAT3689_08 Datasheet
301Kb / 18P
   0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3689 ANALOGICTECH-AAT3689 Datasheet
446Kb / 20P
   0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com