Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3216IJS-3.5-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3216IJS-3.5-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3216IJS-3.5-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3216IJS-3.5-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3216IJS-3.5-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Applications Information
To assure the maximum possible performance is
obtained from the AAT3216, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for C
IN in most applications.
A C
IN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3216 is physically located more
than three centimeters from an input power source,
a C
IN capacitor will be needed for stable operation.
C
IN should be located as closely to the device VIN
pin as practically possible. C
IN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for C
IN. There is no specific
capacitor ESR requirement for C
IN.
However, for
150mA LDO regulator output operation, ceramic
capacitors are recommended for C
IN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND.
The C
OUT
capacitor connection to
the LDO regulator ground pin should be made as
direct as practically possible for maximum device
performance.
The AAT3216 has been specifically designed to func-
tion with very low ESR ceramic capacitors. For best
performance, ceramic capacitors are recommended.
Typical output capacitor values for maximum output
current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3216 should use 2.2µF or
greater for C
OUT. If desired, COUT may be increased
without limit.
In low output current applications where output
load is less than 10mA, the minimum value for
C
OUT can be as low as 0.47µF.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3216. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are not prone to
incorrect connection damage.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting
a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead
resistance, internal connections, size and area,
material composition, and ambient temperature.
Typically, capacitor ESR is measured in milliohms
for ceramic capacitors and can range to more than
several ohms for tantalum or aluminum electrolytic
capacitors.
Ceramic Capacitor Materials:
Ceramic capaci-
tors less than 0.1µF are typically made from NPO
or C0G materials. NPO and C0G materials gener-
ally have tight tolerance and are very stable over
temperature. Larger capacitor values are usually
composed of X7R, X5R, Z5U, or Y5V dielectric
materials. Large ceramic capacitors (i.e., greater
than 2.2µF) are often available in low-cost Y5V and
Z5U dielectrics. These two material types are not
recommended for use with LDO regulators since
the capacitor tolerance can vary more than ±50%
over the operating temperature range of the device.
A 2.2µF Y5V capacitor could be reduced to 1µF
over temperature; this could cause problems for cir-
cuit operation. X7R and X5R dielectrics are much
more desirable. The temperature tolerance of X7R
dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors that are physically large in size will have
a lower ESR when compared to a smaller sized
capacitor of an equivalent material and capacitance
value. These larger devices can improve circuit tran-
sient response when compared to an equal value
capacitor in a smaller package size.
Consult capacitor vendor datasheets carefully
when selecting capacitors for LDO regulators.
AAT3216
150mA MicroPower™ LDO with PowerOK
3216.2006.01.1.3
9


Similar Part No. - AAT3216IJS-3.5-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216IJS-3.5-T1 ETC-AAT3216IJS-3.5-T1 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IJS-3.5-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com