Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3681IJS-4.2-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3681IJS-4.2-T1
Description  USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3681IJS-4.2-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3681IJS-4.2-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3681IJS-4.2-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information
Adapter or USB Power Input
Constant current charge levels up to 300mA may
be programmed by the user when powered from a
sufficient input power source. The AAT3681 will
operate from the adapter input over a 4.0V to 6.5V
range. The constant current fast charge current for
the adapter input is set by the RSET resistor con-
nected between ISET and ground. Refer to Table 1
for recommended RSET values for a desired con-
stant current charge level.
Adapter Input Charge Inhibit and Resume
The AAT3681 has a UVLO and power on reset fea-
ture so that if the input supply to the ADP pin drops
below the UVLO threshold, the charger will sus-
pend charging and shut down. When power is re-
applied to the ADP pin or the UVLO condition
recovers, the system charge control will assess the
state of charge on the battery cell and will auto-
matically resume charging in the appropriate mode
for the condition of the battery.
Enable / Disable
The AAT3681 provides an enable function to con-
trol the charger IC on and off. The enable (EN) pin
is internally pulled down. When pulled to a logic
high level, AAT3681 is enabled. When left open or
pulled to a logic low level, the AAT3681 will be shut
down and forced into the sleep state. Charging will
be halted regardless of the battery voltage or
charging state. When the device is re-enabled, the
charge control circuit will automatically reset and
resume charging functions with the appropriate
charging mode based on the battery charge state
and measured cell voltage on the BAT pin.
Programming Charge Current
The fast charge constant current charge level is
user programmed with a set resistor placed
between the ISET pin and ground. The accuracy of
the fast charge, as well as the preconditioning trick-
le charge current, is dominated by the tolerance of
the set resistor used. For this reason, a 1% toler-
ance metal film resistor is recommended for the set
resistor function. Fast charge constant current lev-
els from 15mA to 300mA may be set by selecting
the appropriate resistor value from Table 1.
Table 1: RSET Values.
Figure 2: Constant Charging Current
vs. Set Resistor Values.
Protection Circuitry
Over-Voltage Protection
An over-voltage event is defined as a condition
where the voltage on the BAT pin exceeds the
maximum battery charge voltage and is set by the
over-voltage protection threshold (VOVP). If an over-
voltage condition occurs, the AAT3681 charge con-
trol will shut down the device until voltage on the
BAT pin drops below VOVP. The AAT3681 will
resume normal charging operation after the over-
voltage condition is removed.
Over-Temperature Shutdown
The AAT3681 has a thermal protection control circuit
which will shut down charging functions should the
internal die temperature exceed the preset thermal
limit threshold. Once the internal die temperature
falls below the thermal limit, normal operation will
resume the previous charging state.
RSET (k
Ω
Ω)
1
10
100
1000
1
10
100
1000
Nominal
Set Resistor
ICHARGE (mA)
Value (k
Ω
Ω)
300
5.36
250
6.49
200
8.06
150
10.7
100
16.2
50
31.6
40
38.3
30
53.6
20
78.7
15
105
AAT3681
USB Port or AC Adapter
Lithium-Ion/Polymer Battery Charger
3681.2007.01.1.2
11


Similar Part No. - AAT3681IJS-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3681IJS-4.2-T1 ANALOGICTECH-AAT3681IJS-4.2-T1 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681IJS-4.2-T1 ANALOGICTECH-AAT3681IJS-4.2-T1 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3681IJS-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681A ANALOGICTECH-AAT3681A Datasheet
209Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com