Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3220IQY-2.7-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3220IQY-2.7-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3220IQY-2.7-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3220IQY-2.7-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3220IQY-2.7-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3220
150mA NanoPower™ LDO Linear Regulator
8
3220.2006.01.1.4
Functional Block Diagram
Over-Current
Protection
Over-Temp
Protection
V
REF
IN
GND
OUT
Functional Description
The AAT3220 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 150mA.
The advanced circuit design of the AAT3220 has
been optimized for minimum quiescent or ground
current consumption, making it ideal for use in
power management systems for small battery-
operated devices.
The typical quiescent current
level is just 1.1µA. The LDO also demonstrates
excellent power supply ripple rejection (PSRR) and
load and line transient response characteristics.
The AAT3220 is a truly high performance LDO reg-
ulator especially well suited for circuit applications
which are sensitive to load circuit power consump-
tion and extended battery life.
The LDO regulator output has been specifically
optimized to function with low cost, low equivalent
series resistance (ESR) ceramic capacitors.
However, the design will allow for operation with a
wide range of capacitor types.
The AAT3220 has complete short-circuit and ther-
mal protection. The integral combination of these
two internal protection circuits give the AAT3220 a
comprehensive safety system to guard against
extreme adverse operating conditions.
Device
power dissipation is limited to the package type
and thermal dissipation properties.
Refer to the
Thermal Considerations section of this datasheet
for details on device operation at maximum output
load levels.


Similar Part No. - AAT3220IQY-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220IQY-2.7-T1 ANALOGICTECH-AAT3220IQY-2.7-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220IQY-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com