Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3220IQY-2.5-T1 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3220IQY-2.5-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3220IQY-2.5-T1 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3220IQY-2.5-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3220IQY-2.5-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AAT3220
150mA NanoPower™ LDO Linear Regulator
4
3220.2006.01.1.4
Electrical Characteristics
V
IN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1µF, TA = 25°C, unless otherwise noted.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
OUT
DC Output Voltage Tolerance
-2.0
2.0
%
I
OUT
Output Current
V
OUT > 1.2V
150
mA
I
SC
Short-Circuit Current
V
OUT < 0.4V
350
mA
I
Q
Ground Current
V
IN = 5V, No Load
1.1
2.5
µA
∆V
OUT/VOUT
Line Regulation
V
IN = 4.0 to 5.5V
0.15
0.4
%/V
V
OUT = 1.8
1.0
1.65
V
OUT = 2.0
0.9
1.60
V
OUT = 2.3
0.8
1.45
V
OUT = 2.4
0.8
1.40
V
OUT = 2.5
0.8
1.35
∆V
OUT/VOUT
Load Regulation
I
L = 1 to 100mA
V
OUT = 2.7
0.7
1.25
%
V
OUT = 2.8
0.7
1.20
V
OUT = 2.85
0.7
1.20
V
OUT = 2.9
0.7
1.18
V
OUT = 3.0
0.6
1.15
V
OUT = 3.3
0.5
1.00
V
OUT = 3.5
0.5
1.00
V
OUT = 2.3
230
275
V
OUT = 2.4
220
265
V
OUT = 2.5
210
255
V
OUT = 2.7
200
240
V
DO
Dropout Voltage
1, 2
I
OUT = 100mA
V
OUT = 2.8
190
235
mV
V
OUT = 2.85
190
230
V
OUT = 2.9
190
228
V
OUT = 3.0
190
225
V
OUT = 3.3
180
220
V
OUT = 3.5
180
220
PSRR
Power Supply Rejection Ratio
100Hz
50
dB
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYS
Over-Temperature Shutdown
20
°C
Hysteresis
e
N
Output Noise
10Hz through 10kHz
350
µV
T
C
Output Voltage Temperature
80
ppm/°C
Coefficient
1. V
DO is defined as VIN - VOUT when VOUT is 98% of nominal.
2. For V
OUT < 2.3V, VDO = 2.5V - VOUT.


Similar Part No. - AAT3220IQY-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220IQY-2.5-T1 ANALOGICTECH-AAT3220IQY-2.5-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220IQY-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com