Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3236IJS-2.85-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3236IJS-2.85-T1
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3236IJS-2.85-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3236IJS-2.85-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AAT3236
300mA CMOS High Performance LDO
8
3236.2007.03.1.4
Functional Block Diagram
Over-Current
Protection
Voltage
Reference
Over-Temperature
Protection
IN
BYP
EN
GND
OUT
Functional Description
The AAT3236 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 300mA. The AAT3236 is
capable of handling peak output currents up to
500mA. Refer to the Thermal Considerations sec-
tion of this datasheet for details on device operation
at 500mA peak loads.
The advanced circuit design of the AAT3236 pro-
vides excellent input-to-output isolation, which
allows for good power supply ripple rejection char-
acteristics.
To optimize for very low output self
noise performance, a bypass capacitor pin has
been provided to decrease noise generated by the
internal voltage reference.
The LDO regulator output has been specifically
optimized to function with low-cost, low-equivalent
series resistance (ESR) ceramic capacitors.
However, the design will allow for operation over a
wide range of capacitor types.
The device enable circuit is provided to shut down
the LDO regulator for power conservation in portable
products. The enable circuit has an additional out-
put capacitor discharge circuit to assure sharp appli-
cation circuit turn-off upon device shutdown.
This LDO regulator has complete short-circuit and
thermal protection.
The integral combination of
these two internal protection circuits gives the
AAT3236 a comprehensive safety system during
extreme adverse operating conditions.


Similar Part No. - AAT3236IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236IJS-2.85-T1 ANALOGICTECH-AAT3236IJS-2.85-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com