Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3218IJS-1.25-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3218IJS-1.25-T1
Description  150mA MicroPower??High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3218IJS-1.25-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3218IJS-1.25-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3218IJS-1.25-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3218
150mA MicroPower™ High Performance LDO
10
3218.2006.04.1.8
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low-ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are not prone to
incorrect connection damage.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting a
capacitor. ESR is the internal series resistance asso-
ciated with a capacitor that includes lead resistance,
internal connections, size and area, material compo-
sition, and ambient temperature. Typically, capacitor
ESR is measured in milliohms for ceramic capacitors
and can range to more than several ohms for tanta-
lum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capaci-
tors less than 0.1µF are typically made from NPO
or C0G materials. NPO and C0G materials gener-
ally have tight tolerance and are very stable over
temperature. Larger capacitor values are usually
composed of X7R, X5R, Z5U, or Y5V dielectric
materials. Large ceramic capacitors (i.e., greater
than 2.2µF) are often available in low-cost Y5V and
Z5U dielectrics. These two material types are not
recommended for use with LDO regulators since the
capacitor tolerance can vary more than ±50% over
the operating temperature range of the device. A
2.2µF Y5V capacitor could be reduced to 1µF over
temperature; this could cause problems for circuit
operation. X7R and X5R dielectrics are much more
desirable.
The temperature tolerance of X7R
dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors that are physically large in size will have
a lower ESR when compared to a smaller sized
capacitor of an equivalent material and capacitance
value. These larger devices can improve circuit tran-
sient response when compared to an equal value
capacitor in a smaller package size.
Consult capacitor vendor datasheets carefully
when selecting capacitors for LDO regulators.
Enable Function
The AAT3218 features an LDO regulator enable/
disable function. This pin (EN) is active high and is
compatible with CMOS logic. To assure the LDO
regulator will switch on, the EN turn-on control level
must be greater than 1.5V. The LDO regulator will
go into the disable shutdown mode when the volt-
age on the EN pin falls below 0.6V. If the enable
function is not needed in a specific application, it
may be tied to VIN to keep the LDO regulator in a
continuously on state.
When the LDO regulator is in shutdown mode, an
internal 1.5k
Ω resistor is connected between VOUT
and GND. This is intended to discharge COUT when
the LDO regulator is disabled. The internal 1.5k
Ω
has no adverse effect on device turn-on time.
Short-Circuit Protection
The AAT3218 contains an internal short-circuit pro-
tection circuit that will trigger when the output load
current exceeds the internal threshold limit. Under
short-circuit conditions, the output of the LDO reg-
ulator will be current limited until the short-circuit
condition is removed from the output or LDO regu-
lator package power dissipation exceeds the
device thermal limit.
Thermal Protection
The AAT3218 has an internal thermal protection cir-
cuit which will turn on when the device die temper-
ature exceeds 150°C. The internal thermal protec-
tion circuit will actively turn off the LDO regulator
output pass device to prevent the possibility of over-
temperature damage. The LDO regulator output
will remain in a shutdown state until the internal die
temperature falls back below the 150°C trip point.
The combination and interaction between the short-
circuit and thermal protection systems allows the
LDO regulator to withstand indefinite short-circuit
conditions without sustaining permanent damage.


Similar Part No. - AAT3218IJS-1.25-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218IJS-1.2-T1 ETC-AAT3218IJS-1.2-T1 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
More results

Similar Description - AAT3218IJS-1.25-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com