Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3512 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3512
Description  Micropower uP Reset with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3512 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3512 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3512 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SmartSwitch
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2006.03.1.7
1
General Description
The AAT351x PowerManager products are mem-
bers of AnalogicTech's Total Power Management
IC™ (TPMIC™) product family. This family of
microprocessor reset circuits provides the ultimate
in versatility, allowing system designers full cus-
tomization of the µP monitor and reset function
without any additional components. The AAT351x
family offers several combinations of threshold
voltage, watchdog timeout period, reset active peri-
od, and output drive configurations, which are all
factory-programmed options. All devices are avail-
able in 32 reset threshold voltages from 2.6V up to
5V, with three watchdog timeout periods from
6.3ms to 1600ms and three reset timeouts from
1ms up to 140ms. Available output configurations
are active low push-pull, active low open drain,
active low bi-directional, and active high push-pull.
The AAT351x family is designed to ignore fast neg-
ative transients on V
DD and to ensure that reset
outputs remain valid down to 1V.
The AAT351x family is available in the Pb-free,
space-saving 5-pin SOT23 surface mount package
and is specified over the -40 to +85°C temperature
range.
Features
Tight Voltage Tolerance: ±1.5%
Low Quiescent Current: 5µA
Guaranteed Reset Valid Down to 1V
32 Voltage Options from 2.6V to 5.0V
Three Reset Active Period Options:
— 1ms, 20ms, 140ms
Three Watchdog Timeout Period Options:
— 6.3ms, 102ms, 1600ms
Four Output Options:
— Open Drain
— Inverting
— Non-Inverting
— Bi-Directional
Low Temperature Coefficient: 100ppm/°C
5-Pin SOT23 Package
Applications
Critical µP and µC Supply Monitoring
Embedded Control Systems
Industrial Controllers
Intelligent Instruments
Notebook Computers
Portable Electronics
Power-On Reset Circuits
Typical Application
AAT351x
VCC
RESET
GND
(RESET)
RESET
INPUT
µP
VDD
V
DD
I/O LINE
WDI
PowerManager


Similar Part No. - AAT3512

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3512 ANALOGICTECH-AAT3512 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
AAT3512IGV-2.63-A-A-T1 ANALOGICTECH-AAT3512IGV-2.63-A-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3512IGV-2.63-A-B-T1 ANALOGICTECH-AAT3512IGV-2.63-A-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3512IGV-2.63-A-C-T1 ANALOGICTECH-AAT3512IGV-2.63-A-C-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3512IGV-2.63-A-C-T1 ANALOGICTECH-AAT3512IGV-2.63-A-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3512

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com